Electronic Components Datasheet Search
  English  ▼

X  

GP520A Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # GP520A
Description  Programmable Analog Signal Processor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GP520A Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button GP520A Datasheet HTML 2Page - List of Unclassifed Manufacturers GP520A Datasheet HTML 3Page - List of Unclassifed Manufacturers GP520A Datasheet HTML 4Page - List of Unclassifed Manufacturers GP520A Datasheet HTML 5Page - List of Unclassifed Manufacturers GP520A Datasheet HTML 6Page - List of Unclassifed Manufacturers GP520A Datasheet HTML 7Page - List of Unclassifed Manufacturers GP520A Datasheet HTML 8Page - List of Unclassifed Manufacturers GP520A Datasheet HTML 9Page - List of Unclassifed Manufacturers GP520A Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
510 - 78 - 06
1.3 V
V
CC
2k2
3µ3
FULL WAVE
RECTIFIER
THRESHOLD
RF
LIN/LOG
CONVERTER
VOLTAGE
REGULATOR
R
R
14
13
9
22
24
26
27
13
57
11
23
2
25
6
GND
I REL
I
THRESH
IGAIN
D
OUT
IN
DELTA
OUT
C
AGC
RECT.
IN
BUFFER
OUT
BUFFER
IN
+
-
LP
FILTER
LPFB
AIN
P GND
12
S1
10µ
68n
V
IN
R1=1M
V
REG
AVERAGING
CIRCUIT
VREG - 0.6 V
I REL
I
THRESH
IGAIN
10k
B
OUT
B
0.1
V
O
+12V
LT001
-
+
2
3
7
6
4
-12V
68n
10n
31
30
AGC
10n
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Quiescent Voltage on Pad 2
V
Q2
I
THRESH
= I
R
-
400
-
mV
Quiescent Voltage on Pad 3
V
Q3
I
GAIN
= I
R
x 1.875
-
700
-
mV
Quiescent Voltage on Pad 23
V
Q23
-
500
-
mV
Quiescent Voltage on Pad 25
V
Q25
-
500
-
mV
Quiescent Voltage on Pad 27
V
Q27
-
600
-
mV
Release Current Max (Pad 1)
I
REL MAX
I
REL
= 0 (S1 closed)
-
300
-
nA
Release Current Min
(Pad 1)
I
REL MIN
I
REL
= 1.875 x I
R
(S1 closed)
-
30
-
nA
Input Resistance
(Pad 25)
R
IN25
I
REL
= I
R
-17
-
k
Ω
Input Resistance
(Pad 27)
R
IN27
I
27
=
± I
R
-4
-
k
Ω
Max Transconductance (Pad 26 to V
O
)
G
MAX
I
GAIN
=I
R
x
2 x 1.875 V
P26
=30 mVpp
-
160
-
µA/V
I
THRESH =1.875 x IR (Note 1)
Gain Range (Pad 26 to V
o
)
GAIN
RANGE
I
THRESH =1.875 x IR (Note 2)
-
33
-
dB
V
26 = 25 mV
pp
Output Limiting Level (Pad 3)
OUT
LIM
I
THRESH =IR, IGAIN = 2 x 1.875 x IR
-
0.7
-
µARMS
V
26 = 100 mV
pp
(Note 3)
Limiting Level Range
LIM
RANGE
I
GAIN = IR
x
2 x1.875 (Note 4)
-
13
-
dB
V
26 = 100 mV
pp
AGC Compression Ratio
CMP
RAT
I
THRESH
=I
R
I
GAIN = 2 x 1.875 x IR (Note 5)
-
5
-
NOTES:
1. G
MAX
= V
o
/ (V
26
x 1M)
2. GAIN
RANGE
= 20 LOG ( V
o
[
I
GAIN= 2 x1.875 x IR
]/ V
o
[
I
GAIN= 0])
3. OUT
LIM
= V
o
/ 1M
10
20 LOG (V
o
[V
26
=5.62mVRMS]/V
o
[V
26
=17.8mVRMS])
AGC CONTROL STAGE
Unless otherwise stated in CONDITIONS column all switches remain OPEN, all current sources are 0
µA
4. LIM
RANGE
= 20 LOG (V
o
[I
THRESH=1.875 x IR]
/V
o
[I
THRESH =0]
)
5. CMP
RAT
=
Fig. 7 AGC Control Stage Test Circuit
-45dBV
-35dBV
All resistors in ohms, all capacitors in
farads unless otherwise stated.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com