Electronic Components Datasheet Search
  English  ▼

X  

GP520A Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # GP520A
Description  Programmable Analog Signal Processor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GP520A Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button GP520A Datasheet HTML 2Page - List of Unclassifed Manufacturers GP520A Datasheet HTML 3Page - List of Unclassifed Manufacturers GP520A Datasheet HTML 4Page - List of Unclassifed Manufacturers GP520A Datasheet HTML 5Page - List of Unclassifed Manufacturers GP520A Datasheet HTML 6Page - List of Unclassifed Manufacturers GP520A Datasheet HTML 7Page - List of Unclassifed Manufacturers GP520A Datasheet HTML 8Page - List of Unclassifed Manufacturers GP520A Datasheet HTML 9Page - List of Unclassifed Manufacturers GP520A Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8
510 - 78 - 06
S1
R
F=10k
2k2
3.3
V
CC
13
9
5
7
8
11
4
6
I
P8
S2
10 K
R
OUT
12
26
27 1
10n
1.3 V
68n
68n
10n
31
30
VC AMP
CLIPPER
S3
I
IN
10µ
I
CLIP
V
CC
b
a
V
IN
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Quiescent Voltage on Pad 5
V
Q5
(S1 closed)
-
550
-
mV
Input Bias Current (Pad 5)
I
BIAS
R
F1=1M RF2=0 Ω (
Note 1
)-
0
-
nA
Quiescent Voltage on Pad 4
V
Q4
-
500
-
mV
Quiescent Voltage on Pad 8
V
Q8
-
1.2
-
V
Output Swing High 1 (Pad 8)
V
OH1
I
IN
= +1
µA5
-
-
mV
I
CLIP
= 0
µA
(Note 2)
Output Swing Low 1 (Pad 8)
V
OL 1
I
IN
= -1
µA-5
-
-
mV
I
CLIP
= 0
µA
(Note 2)
Output Clip Symmetry 1
V
SYM 1
(Note 3)-
1
-
Output Swing High 2 (Pad 8)
V
OH 2
I
IN
= 5
µA-
50
-
mV
I
CLIP
= 1.875 x I
R
(Note 2)
Output Swing Low 2 (Pad 8)
V
OL 2
I
IN
= -5
µA
-
-50
-
mV
I
CLIP
= 1.875 x I
R
(Note 2)
Output Clip Symmetry 2
V
SYM 2
(Note 3)-
1
-
Output Resistance (Pad 8)
R
OUT 8
I
P8 = 10µA (
S2 closed
)-
40
-
k
Ω
Clipper Voltage Gain
GAIN
V
IN = 50mV
pp
(S3-b)-
12
-
dB
I
CLIP
=1.875 x
I
R
(Note 4)
All switches remain as shown in the Test Circuit unless otherwise stated in CONDITIONS column.
NOTES: 1. I
BIAS
= (V
7
– V
7
) / 1M
Ω
R
F
= 1M
Ω
R
F
= 0
Ω
CLIPPER STAGE
3. V
SYM
= (2V
OH
/ ( V
OH
- V
OL
))
4. GAIN = 20 log (V
8
/ V
7
)
Fig. 13 Clipper Test Circuit
2. V
OL
= V
OH
= V
Q8
- V
8
All resistors in ohms, all capacitors
in farads unless otherwise stated



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com