Electronic Components Datasheet Search
  English  ▼

X  

LTM4613 Datasheet(PDF) 11 Page - Linear Technology

Part # LTM4613
Description  Low VIN, 10A Step-Down 關Module Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4613 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTM4613 Datasheet HTML 7Page - Linear Technology LTM4613 Datasheet HTML 8Page - Linear Technology LTM4613 Datasheet HTML 9Page - Linear Technology LTM4613 Datasheet HTML 10Page - Linear Technology LTM4613 Datasheet HTML 11Page - Linear Technology LTM4613 Datasheet HTML 12Page - Linear Technology LTM4613 Datasheet HTML 13Page - Linear Technology LTM4613 Datasheet HTML 14Page - Linear Technology LTM4613 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
LTM4648
11
4648f
For more information www.linear.com/LTM4648
applicaTions inForMaTion
output filtering may be required by the system designer
if further reduction of output ripple or dynamic transient
spikes is required. Table 3 shows a matrix of different
output voltages and output capacitors to minimize the
voltage droop and overshoot during a 5A/µs transient.
The table optimizes total equivalent ESR and total bulk
capacitance to optimize the transient performance. Stabil-
ity criteria are considered in the Table 3 matrix, and the
Linear Technology µModule Power Design Tool will be
provided for stability analysis. Multiphase operation will
reduce effective output ripple as a function of the num-
ber of phases. Application Note 77 discusses this noise
reduction versus output ripple current cancellation, but
the output capacitance should be considered carefully as
a function of stability and transient response. The Linear
Technology µModule Power Design Tool can calculate the
output ripple reduction as the number of implemented
phase’s increases by N times.
Burst Mode Operation
The LTM4648 is capable of Burst Mode operation in which
the power MOSFETs operate intermittently based on load
demand, thus saving quiescent current. For applications
where maximizing the efficiency at very light loads is a
high priority, Burst Mode operation should be applied. To
enable Burst Mode operation, simply tie the MODE pin to
INTVCC. During Burst Mode operation, the peak current
of the inductor is set to approximately 30% of the maxi-
mum peak current value in normal operation even though
the voltage at the COMP pin indicates a lower value. The
voltage at the COMP pin drops when the inductor’s aver-
age current is greater than the load requirement. As the
COMP voltage drops below 0.5V, the burst comparator
trips, causing the internal sleep line to go high and turn
off both power MOSFETs.
In sleep mode, the internal circuitry is partially turned
off, reducing the quiescent current. The load current is
now being supplied from the output capacitors. When the
output voltage drops, causing COMP to rise, the internal
sleep line goes low, and the LTM4648 resumes normal
operation. The next oscillator cycle will turn on the top
power MOSFET and the switching cycle repeats.
Pulse-Skipping Mode Operation
In applications where low output ripple and high efficiency
at intermediate currents are desired, pulse-skipping mode
should be used. Pulse-skipping operation allows the
LTM4648toskipcyclesatlowoutputloads,thusincreasing
efficiency by reducing switching loss. Floating the MODE
pinenablespulse-skippingoperation. Withpulse-skipping
mode at light load, the internal current comparator may
remain tripped for several cycles, thus skipping opera-
tion cycles. This mode has lower ripple than Burst Mode
operationandmaintainsahigherfrequencyoperationthan
Burst Mode operation.
Forced Continuous Operation
In applications where fixed frequency operation is more
critical than low current efficiency, and where the lowest
output ripple is desired, forced continuous operation
should be used. Forced continuous operation can be
enabled by tying the MODE pin to ground. In this mode,
inductor current is allowed to reverse during low output
loads, the COMP voltage is in control of the current
comparator threshold throughout, and the top MOSFET
alwaysturnsonwitheachoscillatorpulse.Duringstart-up,
forced continuous mode is disabled and inductor current
is prevented from reversing until the LTM4648’s output
voltage is in regulation.
Frequency Selection
The LTM4648 device is internally programmed to 450kHz
switching frequency to improve power conversion ef-
ficiency. It is recommended for all of the application.
If desired, a resistor can be connected from the FREQ pin
to INTVCC to adjust the FREQ pin DC voltage to increase
the switching frequency between default 450kHz and
maximum 650kHz. Figure 2 shows a graph of frequency
setting verses FREQ pin DC voltage. Figure 18 shows an
example of frequency programmed to 650kHz. Please be
aware FREQ pin has an accurate 10µA current sourced
from this pin when calculate the resistor value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com