Electronic Components Datasheet Search
  English  ▼

X  

LTM4613 Datasheet(PDF) 14 Page - Linear Technology

Part # LTM4613
Description  Low VIN, 10A Step-Down 關Module Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4613 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTM4613 Datasheet HTML 10Page - Linear Technology LTM4613 Datasheet HTML 11Page - Linear Technology LTM4613 Datasheet HTML 12Page - Linear Technology LTM4613 Datasheet HTML 13Page - Linear Technology LTM4613 Datasheet HTML 14Page - Linear Technology LTM4613 Datasheet HTML 15Page - Linear Technology LTM4613 Datasheet HTML 16Page - Linear Technology LTM4613 Datasheet HTML 17Page - Linear Technology LTM4613 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
LTM4648
14
4648f
For more information www.linear.com/LTM4648
applicaTions inForMaTion
Soft-Start
The TRACK/SS pin of the master can be controlled by a
capacitor placed on the master regulator TRACK/SS pin
to ground. A 1.2µA current source will charge the TRACK/
SS pin up to the reference voltage and then proceed up
to INTVCC. After the 0.6V ramp, the TRACK/SS pin will no
longer be in control, and the internal voltage reference
will control output regulation from the feedback divider.
Foldback current limit is disabled during this sequence of
turn-on during tracking or soft-starting. The TRACK/SS
pins are pulled low when the RUN pin is below 1.2V. The
total soft-start time can be calculated as:
tSS =
CSS
1.2µA
⎛
⎝⎜
⎞
⎠⎟
• 0.6
Regardless of the mode selected by the MODE pin, the
regulator channels will always start in pulse-skipping
mode up to TRACK/SS = 0.5V. Between TRACK/SS = 0.5V
and 0.54V, it will operate in forced continuous mode and
revert to the selected mode once TRACK/SS > 0.54V. In
order to track with another channel once in steady state
operation, the LTM4648 is forced into continuous mode
operation as soon as VFB is below 0.54V regardless of the
setting on the MODE pin.
Output Voltage Tracking
Output voltage tracking can be programmed externally
using the TRACK/SS pins. The output can be tracked up
and down with another regulator. The master regulator’s
output is divided down with an external resistor divider
that is the same as the slave regulator’s feedback divider
to implement coincident tracking. The LTM4648 uses an
accurate 60.4k resistor internally for the top feedback
resistor for each channel. Figure 6 shows an example of
coincident tracking. Equations:
VSLAVE = 1+
10k
RTA
⎛
⎝⎜
⎞
⎠⎟
• VTRACK
VTRACK is the track ramp applied to the slave’s track pin.
VTRACK has a control range of 0V to 0.6V, or the internal
reference voltage. When the master’s output is divided
down with the same resistor values used to set the slave’s
output, then the slave will coincident track with the master
until it reaches its final value. The master will continue to
its final value from the slave’s regulation point. Voltage
tracking is disabled when VTRACK is more than 0.6V. RTA
in Figure 5 will be equal to the RFB for coincident tracking.
Figure 6 shows the coincident tracking waveforms.
Ratiometric tracking can be achieved by a few simple cal-
culations and the slew rate value applied to the master’s
TRACK/SS pin. As mentioned above, the TRACK/SS pin
has a control range from 0V to 0.6V. The master’s TRACK/
SS pin slew rate is directly equal to the master’s output
slew rate in Volts/Time. The equation:
MR
SR
• 10k = RTB
where MR is the master’s output slew rate and SR is the
slave’s output slew rate in Volts/Time. When coincident
tracking is desired, then MR and SR are equal, thus RTB
is equal the 10k. RTA is derived from equation:
RTA =
0.6V
VFB
10k
+
VFB
RFB
−
VTRACK
RTB
where VFB is the feedback voltage reference of the regula-
tor, and VTRACK is 0.6V. Since RTB is equal to the 10k top
feedback resistor of the slave regulator in equal slew rate
or coincident tracking, then RTA is equal to RFB with VFB
= VTRACK. Therefore RTB = 10k, and RTA = 10k in Figure 4.
In ratiometric tracking, a different slew rate maybe desired
for the slave regulator. RTB can be solved for when SR
is slower than MR. Make sure that the slave supply slew
rate is chosen to be fast enough so that the slave output
voltage will reach it final value before the master output.
Each of the TRACK/SS pins will have the 1.2µA current
source on when a resistive divider is used to implement
trackingonthatspecificchannel. Thiswillimposeanoffset
on the TRACK/SS pin input. Smaller values resistors with
the same ratios as the resistor values calculated from the
above equation can be used. For example, where the 10k
is used then a 1.0k can be used to reduce the TRACK/SS
pin offset to a negligible value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com