Electronic Components Datasheet Search
  English  ▼

X  

LTM4613 Datasheet(PDF) 15 Page - Linear Technology

Part # LTM4613
Description  Low VIN, 10A Step-Down 關Module Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4613 Datasheet(HTML) 15 Page - Linear Technology

Back Button LTM4613 Datasheet HTML 11Page - Linear Technology LTM4613 Datasheet HTML 12Page - Linear Technology LTM4613 Datasheet HTML 13Page - Linear Technology LTM4613 Datasheet HTML 14Page - Linear Technology LTM4613 Datasheet HTML 15Page - Linear Technology LTM4613 Datasheet HTML 16Page - Linear Technology LTM4613 Datasheet HTML 17Page - Linear Technology LTM4613 Datasheet HTML 18Page - Linear Technology LTM4613 Datasheet HTML 19Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
LTM4648
15
4648f
For more information www.linear.com/LTM4648
applicaTions inForMaTion
TIME
MASTER OUTPUT
SLAVE OUTPUT
4648 F06
Figure 6. Output Coincident Tracking Waveform
COMP
TRACK/SS
RUN
FREQ
MODE
PGOOD
VOUT
VOUT_LCL
DIFFOUT
DIFFP
DIFFN
VFB
LTM4648
VIN
R2
10k
RFB1
6.65k
C10
22µF
16V
C7
22µF
16V
CSS
SOFT-START
CAPACITOR
VOUT2
1.5V
10A
C11
100µF
6.3V
×2
INTVCC
VIN
GND
COMP
TRACK/SS
RUN
FREQ
MODE
PGOOD
VOUT
VOUT_LCL
DIFFOUT
DIFFP
DIFFN
VFB
LTM4648
VIN
R1
10k
RFB
10k
C2
22µF
16V
C3
22µF
16V
C6
100µF
6.3V
×2
VOUT1
1.2V
10A
INTVCC
4628 F05
GND
RTB
10k
RTA
10k
MASTER RAMP
OR OUTPUT
VIN
Figure 5. Dual Outputs (1.5V and 1.2V) with Tracking
Power Good
The PGOOD pins are open-drain pins that can be used to
monitor valid output voltage regulation. This pin monitors
a ±7.5% window around the regulation point. A resistor
can be pulled up to a particular supply voltage no greater
than 6V maximum for monitoring.
Stability Compensation
The module has already been internally compensated
for all output voltages. Table 3 is provided for most ap-
plication requirements. The Linear Technology µModule
Power Design Tool will be provided for other control loop
optimization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com