Electronic Components Datasheet Search
  English  ▼

X  

LTM4613 Datasheet(PDF) 12 Page - Linear Technology

Part # LTM4613
Description  Low VIN, 10A Step-Down 關Module Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4613 Datasheet(HTML) 12 Page - Linear Technology

Back Button LTM4613 Datasheet HTML 8Page - Linear Technology LTM4613 Datasheet HTML 9Page - Linear Technology LTM4613 Datasheet HTML 10Page - Linear Technology LTM4613 Datasheet HTML 11Page - Linear Technology LTM4613 Datasheet HTML 12Page - Linear Technology LTM4613 Datasheet HTML 13Page - Linear Technology LTM4613 Datasheet HTML 14Page - Linear Technology LTM4613 Datasheet HTML 15Page - Linear Technology LTM4613 Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
LTM4648
12
4648f
For more information www.linear.com/LTM4648
applicaTions inForMaTion
PLL and Frequency Synchronization
The LTM4648 device operates over a range of frequen-
cies to improve power conversion efficiency. The nominal
switchingfrequencyis450kHz.Itcanalsobesynchronized
from 350kHz to 650kHz with an input clock that has a high
level above 2V and a low level below 0.8V at the CLKIN pin.
Once the LTM4648 is synchronizing to an external clock
frequency, it will always running in Forced Continuous
Operation. The 350kHz low end operation frequency limit
is put in place to limit inductor ripple current.
Multiphase Operation
For outputs that demand more than 10A of load current,
multiple LTM4648 devices can be paralleled to provide
more output current and reduced input and output volt-
age ripple.
The CLKOUT signal together with CLKIN pin can be used
to cascade additional power stages to achieve the multi-
phase power supply solution. Tying the PHMODE pin to
INTVCC, GND, or (floating) generates a phase difference
(between MODE/PLLIN and CLKOUT) of 180°, 120°, or
90° respectively as shown in Table 2. A total of 4 phases
can be cascaded to run simultaneously with respect to
each other by programming the PHMODE pin of each
LTM4648 channel to different levels. Figure 3 shows a
3-phase design and 4-phase design example for clock
phasing with the PHASMD table.
Table 2. PHASEMD and CLKOUT Signal Relationship
PHASEMD
GND
FLOAT
INTVCC
CLKOUT
120°
90°
180°
The LTM4648 device is an inherently current mode con-
trolled device, so parallel modules will have good current
sharing. This will balance the thermals in the design. Tie
theCOMP,VFB,TRACK/SSandRUNpinsofeachLTM4648
together to share the current evenly. Figures 20 and 21
show a schematic of the parallel design.
4648 F03
4-PHASE DESIGN
3-PHASE DESIGN
90 DEGREE
90 DEGREE
90 DEGREE
0 PHASE
FLOAT
FLOAT
FLOAT
FLOAT
CLKIN
VOUT
PHASMD
CLKOUT
90 PHASE
CLKIN
VOUT
PHASMD
CLKOUT
180 PHASE
CLKIN
VOUT
PHASMD
CLKOUT
270 PHASE
CLKIN
VOUT
PHASMD
CLKOUT
120 DEGREE
120 DEGREE
0 PHASE
GND
GND
GND
CLKIN
VOUT
PHASMD
CLKOUT
120 PHASE
CLKIN
VOUT
PHASMD
CLKOUT
240 PHASE
CLKIN
VOUT
PHASMD
CLKOUT
Figure 3. Examples of 3-Phase, 4-Phase Operation with PHASMD Table
FREQ PIN VOLTAGE (V)
0
900
800
600
400
100
200
700
500
300
0
2
4648 F02
2.5
1
1.5
0.5
Figure 2. Operating Frequency vs FREQ Pin Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com