Electronic Components Datasheet Search
  English  ▼

X  

LTM4613 Datasheet(PDF) 11 Page - Linear Technology

Part # LTM4613
Description  10A Step-Down DC/DC 關Module Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4613 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTM4613 Datasheet HTML 7Page - Linear Technology LTM4613 Datasheet HTML 8Page - Linear Technology LTM4613 Datasheet HTML 9Page - Linear Technology LTM4613 Datasheet HTML 10Page - Linear Technology LTM4613 Datasheet HTML 11Page - Linear Technology LTM4613 Datasheet HTML 12Page - Linear Technology LTM4613 Datasheet HTML 13Page - Linear Technology LTM4613 Datasheet HTML 14Page - Linear Technology LTM4613 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
LTM4649
11
4649fc
For more information www.linear.com/LTM4649
APPLICATIONS INFORMATION
The typical LTM4649 application circuit is shown in
Figure  17. External component selection is primarily
determined by the maximum load current and output
voltage. Refer to Table 3 for specific external capacitor
requirements for particular applications.
VIN to VOUT Step-Down Ratios
There are restrictions in the VIN to VOUT step-down ratio
that can be achieved for a given input voltage. The VIN to
VOUT minimum dropout is a function of load current and
at very low input voltage and high duty cycle applications
output power may be limited as the internal top power
MOSFET is not rated for 10A operation at higher ambient
temperatures. At very low duty cycles a minimum 110ns
on-time should be maintained. See the Frequency Adjust-
ment section and temperature derating curves.
Output Voltage Programming
ThePWMcontrollerhasaninternal0.6Vreferencevoltage.
As shown in the Block Diagram, a 10k internal feedback
resistor connects the VOUT_LCL and VFB pins together.
When the remote sense amplifier is used, then DIFFOUT
is connected to the VOUT_LCL pin. If the remote sense
amplifier is not used, then VOUT_LCLconnects to VOUT. The
output voltage will default to 0.6V with no feedback resis-
tor. Adding a resistor RFB from VFB to ground programs
the output voltage:
VOUT = 0.6V •
10k
+RFB
RFB
Table 1. VFB Resistor Table vs Various Output Voltages
VOUT(V)
0.6
1.0
1.2
1.5
1.8
2.5
3.3
RFB(k)
OPEN
15
10
6.65
4.99
3.16
2.21
For parallel operation of N LTM4649, the following equa-
tion can be used to solve for RFB:
RFB =
10k
N
VOUT
0.6
– 1
In parallel operation the VFB pins have an IFB current of
25nA maximum each channel. To reduce output voltage
error due to this current, an additional VOUT_LCL pin can
be tied to VOUT, and an additional RFB resistor can be used
to lower the total Thevenin equivalent resistance seen by
this current.
Input Capacitors
The LTM4649 module should be connected to a low AC
impedance DC source. Additional input capacitors are
neededfortheRMSinputripplecurrentrating.TheICIN(RMS)
equation which follows can be used to calculate the input
capacitor requirement. Typically 22µF X7R ceramics are a
good choice with RMS ripple current ratings of ~2A each.
A47µFto100µFsurfacemountaluminumelectrolyticbulk
capacitor can be used for more input bulk capacitance.
This bulk input capacitor is only needed if the input source
impedanceiscompromisedbylonginductiveleads,traces
ornotenoughsourcecapacitance.Iflowimpedancepower
planes are used, then this bulk capacitor is not needed.
For a buck converter, the switching duty cycle can be
estimated as:
D
=
VOUT
VIN
Without considering the inductor ripple current, for each
output, the RMS current of the input capacitor can be
estimated as:
ICIN(RMS) =
IOUT(MAX)
η%
• D • 1
−D
(
)
In the previous equation,
η% is the estimated efficiency of
thepowermodule.Thebulkcapacitorcanbeaswitcher-rated
aluminum electrolytic capacitor or a polymer capacitor.
Output Capacitors
The LTM4649 is designed for low output voltage ripple
noise. The bulk output capacitors defined as COUT are
chosen with low enough effective series resistance (ESR)
to meet the output voltage ripple and transient require-
ments. COUT can be a low ESR tantalum capacitor, low
ESR Polymer capacitor or ceramic capacitors. The typical
outputcapacitancerangeisfrom200µFto470µF.Additional
output filtering may be required by the system designer
if further reduction of output ripple or dynamic transient



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com