Electronic Components Datasheet Search
  English  ▼

X  

LTM4613 Datasheet(PDF) 15 Page - Linear Technology

Part # LTM4613
Description  10A Step-Down DC/DC 關Module Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4613 Datasheet(HTML) 15 Page - Linear Technology

Back Button LTM4613 Datasheet HTML 11Page - Linear Technology LTM4613 Datasheet HTML 12Page - Linear Technology LTM4613 Datasheet HTML 13Page - Linear Technology LTM4613 Datasheet HTML 14Page - Linear Technology LTM4613 Datasheet HTML 15Page - Linear Technology LTM4613 Datasheet HTML 16Page - Linear Technology LTM4613 Datasheet HTML 17Page - Linear Technology LTM4613 Datasheet HTML 18Page - Linear Technology LTM4613 Datasheet HTML 19Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 30 page
background image
LTM4649
15
4649fc
For more information www.linear.com/LTM4649
APPLICATIONS INFORMATION
INTVCC. After ramping to 0.6V, the TRACK/SS pin will no
longer be in control, and the internal voltage reference
will control output regulation from the feedback divider.
Foldback current limit is disabled during this sequence of
turn-on during tracking or soft-starting. The TRACK/SS
pin is pulled low when the RUN pin is below 1.2V. The
total soft-start time can be calculated as:
tSS =
CSS
1.2µA
 • 0.6V
Regardless of the mode selected by the MODE pin, the
regulator will always start in pulse-skipping mode up to
TRACK/SS = 0.5V. Between TRACK/SS = 0.5V and 0.54V,
it will operate in forced continuous mode and revert to the
selected mode once TRACK/SS > 0.54V. In order to track
with another regulator once in steady state operation,
the LTM4649 is forced into continuous mode operation
as soon as VFB is below 0.54V regardless of the setting
on the MODE pin.
Output Voltage Tracking
Output voltage tracking can be programmed externally
using the TRACK/SS pin. The output can be tracked up
and down with another regulator. The master regulator’s
output is divided down with an external resistor divider
that is the same as the slave regulator’s feedback divider
to implement coincident tracking. The LTM4649 uses an
accurate 10k resistor internally for the top feedback resis-
tor. Figure 6 shows the coincident tracking characteristic.
VSLAVE = 1+
10k
RTA
 • VTRACK
VTRACK is the track ramp applied to the slave’s track pin.
VTRACK has a control range of 0V to 0.6V, or the internal
reference voltage. When the master’s output is divided
COMP
TRACK/SS
RUN
FREQ
MODE
PGOOD
VOUT
VOUT_LCL
DIFFOUT
DIFFP
DIFFN
VFB
LTM4649
VIN
R2
10k
RFB1
6.65k
C10
22µF
16V
C7
22µF
16V
CSS
SOFT-START
CAPACITOR
VOUT2
1.5V
10A
C11
100µF
6.3V
×2
INTVCC
VIN
GND
COMP
TRACK/SS
RUN
FREQ
MODE
PGOOD
VOUT
VOUT_LCL
DIFFOUT
DIFFP
DIFFN
VFB
LTM4649
VIN
R1
10k
RFB
10k
C2
22µF
16V
C3
22µF
16V
C6
100µF
6.3V
×2
VOUT1
1.2V
10A
INTVCC
4649 F05
GND
RTB
10k
RTA
10k
MASTER RAMP
OR OUTPUT
VIN
Figure 5. Dual Outputs (1.5V and 1.2V) with Tracking



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com