Electronic Components Datasheet Search
  English  ▼

X  

LTM4613 Datasheet(PDF) 18 Page - Linear Technology

Part # LTM4613
Description  10A Step-Down DC/DC 關Module Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4613 Datasheet(HTML) 18 Page - Linear Technology

Back Button LTM4613 Datasheet HTML 14Page - Linear Technology LTM4613 Datasheet HTML 15Page - Linear Technology LTM4613 Datasheet HTML 16Page - Linear Technology LTM4613 Datasheet HTML 17Page - Linear Technology LTM4613 Datasheet HTML 18Page - Linear Technology LTM4613 Datasheet HTML 19Page - Linear Technology LTM4613 Datasheet HTML 20Page - Linear Technology LTM4613 Datasheet HTML 21Page - Linear Technology LTM4613 Datasheet HTML 22Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 30 page
background image
LTM4649
18
4649fc
For more information www.linear.com/LTM4649
APPLICATIONS INFORMATION
1st Example: Figure 7 for 27°C, or 300K the diode voltage
is 0.598V, thus, 300K = –(1200mV – 598mV)/–2.0mV/K).
2nd Example: Figure 7 for 75°C, or 350K the diode voltage
is 0.5V, thus, 350K = –(1200mV – 500mV)/–2.0mV/K).
Converting the Kelvin scale to Celsius is simply taking the
Kelvin temperature and subtracting 273 from it.
Measure the forward voltage at 27°C to establish a refer-
ence point. Then using the above expression while mea-
suring the forward voltage over temperature will provide a
general temperature monitor. Connect a resistor between
TEMP and VIN to set the current to 100µA. See Figure 21
for an example.
Thermal Considerations and Output Current Derating
The thermal resistances reported in the Pin Configuration
section of the data sheet are consistent with those param-
eters defined by JESD51-12 and are intended for use with
finite element analysis (FEA) software modeling tools that
leverage the outcome of thermal modeling, simulation,
and correlation to hardware evaluation performed on a
µModule package mounted to a hardware test board.
The motivation for providing these thermal coefficients is
found in JESD51-12 (“Guidelines for Reporting and Using
Electronic Package Thermal Information”).
Manydesignersmayopttouselaboratoryequipmentanda
testvehiclesuchasthedemoboardtopredicttheµModule
regulator’s thermal performance in their application at
various electrical and environmental operating conditions
to compliment any FEA activities. Without FEA software,
the thermal resistances reported in the Pin Configuration
section are, in and of themselves, not relevant to provid-
ing guidance of thermal performance; instead, the derat-
ing curves provided in this data sheet can be used in a
manner that yields insight and guidance pertaining to
one’s application usage, and can be adapted to correlate
thermal performance to one’s own application.
The Pin Configuration section typically gives four thermal
coefficients explicitly defined in JESD51-12; these coef-
ficients are quoted or paraphrased below:
1.
θJA: the thermal resistance from junction to ambient, is
the natural convection junction-to-ambient air thermal
resistance measured in a one cubic foot sealed enclo-
sure. This environment is sometimes referred to as
“still air” although natural convection causes the air to
move. This value is determined with the part mounted
to a 95mm × 76mm PCB with four layers.
2.
θJCbottom, the thermal resistance from junction to the
bottom of the product case, is determined with all of
the component power dissipation flowing through the
bottom of the package. In the typical µModule regulator,
the bulk of the heat flows out the bottom of the pack-
age, but there is always heat flow out into the ambient
environment. As a result, this thermal resistance value
may be useful for comparing packages but the test
conditions don’t generally match the user’s application.
3.
θJCtop: the thermal resistance from junction to top of
the product case, is determined with nearly all of the
component power dissipation flowing through the top
of the package. As the electrical connections of the
typical µModule are on the bottom of the package, it
is rare for an application to operate such that most of
the heat flows from the junction to the top of the part.
As in the case of
θJCbottom, this value may be useful
for comparing packages but the test conditions don’t
generally match the user’s application.
4.
θJB: the thermal resistance from junction to the printed
circuitboard,isthejunction-to-boardthermalresistance
where almost all of the heat flows through the bottom
of the µModule package and into the board, and is really
the sum of the
θJCbottom and the thermal resistance of
TEMPERATURE (°C)
–50 –25
0.3
0.5
0.8
0
50
75
0.4
0.7
0.6
25
100
4649 F07
125
ID = 100µA
Figure 7. Diode Voltage VD vs Temperature T(°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com