Electronic Components Datasheet Search
  English  ▼

X  

LTM4628 Datasheet(PDF) 6 Page - Linear Technology

Part # LTM4628
Description  Dual 25A or Single 50A 關Module Regulator with 0.8% DC and 3% Transient Accuracy
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4628 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTM4628 Datasheet HTML 2Page - Linear Technology LTM4628 Datasheet HTML 3Page - Linear Technology LTM4628 Datasheet HTML 4Page - Linear Technology LTM4628 Datasheet HTML 5Page - Linear Technology LTM4628 Datasheet HTML 6Page - Linear Technology LTM4628 Datasheet HTML 7Page - Linear Technology LTM4628 Datasheet HTML 8Page - Linear Technology LTM4628 Datasheet HTML 9Page - Linear Technology LTM4628 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
LTM4650-1
6
46501fc
For more information www.linear.com/LTM4650-1
Typical perForMance characTerisTics
Single Phase Short Circuit
Protection with 25A
Single Phase Start-up with 25A
Single Phase Short Circuit
Protection with No load
1.5V Dual Phase Single Output
Load Transient Response
1.8V Dual Phase Single Output
Load Transient Response
Single Phase Start-Up with No load
20ms/DIV
VSW
10V/Div
VOUT
0.5V/Div
IIN
0.2A/Div
46501 G09
12VIN, 1.2VOUT, 500kHz
COUT = 1× 470µF POSCAP + 2× 100µF
CERAMIC, CSS = 0.1µF
50s/DIV
VSW
10V/Div
VOUT
0.5V/Div
IIN
1A/Div
46501 G10
12VIN, 1.2VOUT, 500kHz
COUT = 1× 470µF POSCAP + 2× 100µF
CERAMIC, CSS = 0.1µF
20ms/DIV
VSW
10V/Div
VOUT
0.5V/Div
IIN
1A/Div
46501 G11
12VIN, 1.2VOUT, 500kHz
COUT = 1× 470µF POSCAP + 2× 100µF
CERAMIC, CSS = 0.1F
50µs/DIV
VSW
10V/Div
VOUT
0.5V/Div
IIN
2A/Div
46501 G12
12VIN, 1.2VOUT, 500kHz
COUT = 1× 470µF POSCAP + 2× 100µF
CERAMIC
Burst Mode and Pulse-Skip Mode
Efficiency VIN=12V, VOUT = 1.2V,
fS = 500kHz
1V Dual Phase Single Output
Load Transient Response
1.2V Dual Phase Single Output
Load Transient Response
LOAD CURRENT (A)
0.01
0
10
20
30
90
80
70
60
50
40
100
1
10
0.1
46501 G04
PULSE-SKIP MODE
Burst Mode OPERATION
CCM
50µs/DIV
VOUT(AC)
20mV/DIV
LOAD
STEP
10A/DIV
46501 G05
12VIN, 1VOUT, 500kHz, 12.5A LOAD STEP,
10A/µs STEP-UP AND STEP-DOWN
COUT = 6× 220µF CERAMIC
CFF = 68pF
50µs/DIV
VOUT(AC)
20mV/DIV
LOAD
STEP
10A/DIV
46501 G06
12VIN, 1.2VOUT, 500kHz, 12.5A LOAD STEP,
10A/µs STEP-UP AND STEP-DOWN
COUT = 6× 220µF CERAMIC
CFF = 68pF
50µs/DIV
VOUT(AC)
20mV/DIV
LOAD
STEP
10A/DIV
46501 G07
12VIN, 1.5VOUT, 600kHz, 12.5A LOAD STEP,
10A/µs STEP-UP AND STEP-DOWN
COUT = 6× 220µF CERAMIC
CFF = 68pF
50µs/DIV
VOUT(AC)
20mV/DIV
LOAD
STEP
10A/DIV
46501 G08
12VIN, 1.8VOUT, 600kHz, 12.5A LOAD STEP,
10A/µs STEP-UP AND STEP-DOWN
COUT = 6× 220µF CERAMIC
CFF = 68pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com