Electronic Components Datasheet Search
  English  ▼

X  

LTM4628 Datasheet(PDF) 7 Page - Linear Technology

Part # LTM4628
Description  Dual 25A or Single 50A 關Module Regulator with 0.8% DC and 3% Transient Accuracy
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4628 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTM4628 Datasheet HTML 3Page - Linear Technology LTM4628 Datasheet HTML 4Page - Linear Technology LTM4628 Datasheet HTML 5Page - Linear Technology LTM4628 Datasheet HTML 6Page - Linear Technology LTM4628 Datasheet HTML 7Page - Linear Technology LTM4628 Datasheet HTML 8Page - Linear Technology LTM4628 Datasheet HTML 9Page - Linear Technology LTM4628 Datasheet HTML 10Page - Linear Technology LTM4628 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
LTM4650-1
7
46501fc
For more information www.linear.com/LTM4650-1
pin FuncTions
VOUT1 (A1-A5, B1-B5, C1-C4): Power Output Pins. Apply
outputloadbetweenthesepinsandGNDpins.Recommend
placing output decoupling capacitance directly between
these pins and GND pins. Review Table 4.
GND (A6-A7, B6-B7, D1-D4, D9-D12, E1-E4, E10-E12,
F1-F3, F10-F12, G1, G3, G10, G12, H1-H7, H9-H12, J1,
J5, J8, J12, K1, K5-K8, K12, L1, L12, M1 , M12): Power
Ground Pins for Both Input and Output Returns.
VOUT2 (A8-A12, B8-B12, C9-C12): Power Output Pins.
Apply output load between these pins and GND pins. Rec-
ommend placing output decoupling capacitance directly
between these pins and GND pins. Review Table 4.
VOUTS1, VOUTS2 (C5, C8): This pin is connected to the top
of the internal top feedback resistor for each output. The
pin can be directly connected to its specific output, or
connected to DIFFOUT when the remote sense amplifier
is used. In paralleling modules, one of the VOUTS pins is
connectedtotheDIFFOUTpininremotesensingordirectly
to VOUT with no remote sensing. It is very important to
connect these pins to either the DIFFOUT or VOUT since
this is the feedback path, and cannot be left open. See the
Applications Information section.
fSET (C6): Frequency Set Pin. A 10µA current is sourced
from this pin. A resistor from this pin to ground sets a
voltage that in turn programs the operating frequency.
Alternatively, this pin can be driven with a DC voltage
that can set the operating frequency. See the Applications
Information section.
SGND (C7, D6, G6-G7, F6-F7): Signal Ground Pin. Return
ground path for all analog and low power circuitry. Tie a
single connection to the output capacitor GND in the ap-
plication. See layout guidelines in Figure 13.
VFB1, VFB2 (D5, D7): The Negative Input of the Error
Amplifier for Each Channel. Internally, this pin is con-
nected to VOUTS1 or VOUTS2 with a 60.4kΩ precision
resistor. Different output voltages can be programmed
with an additional resistor between VFB and GND pins. In
PolyPhase® operation, tying the VFB pins together allows
for parallel operation. See the Applications Information
section for details.
TRACK1, TRACK2 (E5, D8): Output Voltage Tracking Pin
and Soft-Start Inputs. Each channel has a 1.3µA pull-up
current source. When one channel is configured to be
master of the two channels, then a capacitor from this pin
to ground will set a soft-start ramp rate. The remaining
channel can be set up as the slave, and have the master’s
output applied through a voltage divider to the slave out-
put’s track pin. This voltage divider is equal to the slave
output’s feedback divider for coincidental tracking. See
the Applications Information section.
COMP1, COMP2 (E6, E7): Current control threshold and
error amplifier compensation point for each channel. The
current comparator threshold increases with this control
voltage. COMP pin internal has 10pF filter cap to SGND.
An external RC filter circuit is required for control loop
compensation. See Applications Information section. Tie
the COMP pins together for parallel operation. Do not
drive this pin.
DIFFP (E8): Positive input of the remote sense amplifier.
This pin is connected to the remote sense point of the
output voltage. See the Applications Information section.
DIFFN (E9): Negative input of the remote sense amplifier.
This pin is connected to the remote sense point of the
output GND. See the Applications Information section.
(Recommended to Use Test Points to Monitor Signal Pin Connections.)
PACKAGE ROW AND COLUMN LABELING MAY VARY
AMONG µModule PRODUCTS. REVIEW EACH PACKAGE
LAYOUT CAREFULLY.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com