Electronic Components Datasheet Search
  English  ▼

X  

LTM4628 Datasheet(PDF) 9 Page - Linear Technology

Part # LTM4628
Description  Dual 25A or Single 50A 關Module Regulator with 0.8% DC and 3% Transient Accuracy
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4628 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTM4628 Datasheet HTML 5Page - Linear Technology LTM4628 Datasheet HTML 6Page - Linear Technology LTM4628 Datasheet HTML 7Page - Linear Technology LTM4628 Datasheet HTML 8Page - Linear Technology LTM4628 Datasheet HTML 9Page - Linear Technology LTM4628 Datasheet HTML 10Page - Linear Technology LTM4628 Datasheet HTML 11Page - Linear Technology LTM4628 Datasheet HTML 12Page - Linear Technology LTM4628 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
LTM4650-1
9
46501fc
For more information www.linear.com/LTM4650-1
siMpliFieD block DiagraM
Decoupling requireMenTs
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
CIN1, CIN2
External Input Capacitor Requirement
(VIN1 = 4.5V to 15V, VOUT1 = 1.5V)
(VIN2 = 4.5V to 15V, VOUT2 = 1.0V)
IOUT1 = 25A
IOUT2 = 25A
44
44
66
66
µF
µF
COUT1
COUT2
External Output Capacitor Requirement
(VIN1 = 4.5V to 15V, VOUT1 = 1.5V)
(VIN2 = 4.5V to 15V, VOUT2 = 1.0V)
IOUT1 = 25A
IOUT2 = 25A
600
600
800
800
µF
µF
TA = 25°C. Use Figure 1 configuration.
Figure 1. Simplified LTM4650-1 Block Diagram
46501 F01
TEMP
CLKOUT
RUN1
MODE_PLLIN
PHASEMD
TRACK1
= 100µA
OR TEMP
MONITORS
4.7µF
0.22µF
SS CAP
1F
CIN1
22µF
25V
×2
VIN
VIN
RFB2
60.4k
MTOP1
MBOT1
POWER
CONTROL
0.22µF
0.12µH
60.4k
COUT1
RFB1
40.2k
+
VOUT1
1.5V
25A
VOUT2
1.2V
25A
VFB1
GND
GND
VIN
4.5V TO 15V
GND
GND
SW2
SW1
PGOOD2
PGOOD1
INTERNAL
FILTER
1F
CIN2
22µF
25V
×2
MTOP2
MBOT2
0.22µF
0.12µH
COUT2
+
+ –
60.4k
VOUT1
VOUT2
VFB2
VOUTS2
VOUTS1
RFSET
RTH2
CTH2
VIN
RT
VIN
RT
SS CAP
DIFFOUT
DIFFN
DIFFP
COMP1
SGND
TRACK2
INTVCC
EXTVCC
RUN2
COMP2
fSET
SGND
10pF
RTH1
CTH1
10pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com