Electronic Components Datasheet Search
  English  ▼

X  

LTM4628 Datasheet(PDF) 36 Page - Linear Technology

Part # LTM4628
Description  Dual 25A or Single 50A 關Module Regulator with 0.8% DC and 3% Transient Accuracy
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4628 Datasheet(HTML) 36 Page - Linear Technology

Back Button LTM4628 Datasheet HTML 28Page - Linear Technology LTM4628 Datasheet HTML 29Page - Linear Technology LTM4628 Datasheet HTML 30Page - Linear Technology LTM4628 Datasheet HTML 31Page - Linear Technology LTM4628 Datasheet HTML 32Page - Linear Technology LTM4628 Datasheet HTML 33Page - Linear Technology LTM4628 Datasheet HTML 34Page - Linear Technology LTM4628 Datasheet HTML 35Page - Linear Technology LTM4628 Datasheet HTML 36Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 36 / 36 page
background image
LTM4650-1
36
46501fc
For more information www.linear.com/LTM4650-1
LINEAR TECHNOLOGY CORPORATION 2016
LT 1216 REV C • PRINTED IN USA
LinearTechnology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900 ● FAX: (408) 434-0507 ● www.linear.com/LTM4650-1
relaTeD parTs
package phoTo
Design resources
SUBJECT
DESCRIPTION
µModule Design and Manufacturing Resources
Design:
•Selector Guides
•Demo Boards and Gerber Files
•Free Simulation Tools
Manufacturing:
•Quick Start Guide
•PCB Design, Assembly and Manufacturing Guidelines
•Package and Board Level Reliability
µModule Regulator Products Search
1. Sort table of products by parameters and download the result as a spread sheet.
2. Search using the Quick Power Search parametric table.
TechClip Videos
Quick videos detailing how to bench test electrical and thermal performance of µModule products.
Digital Power System Management
Linear Technology’s family of digital power supply management ICs are highly integrated solutions that
offer essential functions, including power supply monitoring, supervision, margining and sequencing,
and feature EEPROM for storing user configurations and fault logging.
BGA
PART NUMBER DESCRIPTION
COMMENTS
LTM4650
LTM4650-1 with Internal Compensation
4.5V ≤ VIN ≤ 15V, Dual 25A or Single 50A
LTM4630
Lower Current than LTM4650; Dual 18A or Single 36A
Pin Compatible with LTM4650; 4.5V ≤ VIN ≤ 15V, 0.6V ≤ VOUT ≤ 1.8V,
15mm × 15mm × 4.41mm LGA and 15mm × 15mm × 5.01mm BGA Packages
LTM4630A
Lower Current and Higher VOUT than LTM4650; Up to
5.3VOUT, Dual 18A or Single 26A
Pin Compatible with LTM4650; 4.5V ≤ VIN ≤ 15V, 0.6V ≤ VOUT ≤ 5.3V,
15mm × 15mm × 4.41mm LGA Package
LTM4630-1
Lower Current than LTM4650 with External Compensation
and ±0.8% (–1A) or ±1.5% (–1B) VOUT Accuracy
Pin Compatible with LTM4650; 4.5V ≤ VIN ≤ 15V, 0.6V ≤ VOUT ≤ 1.8V,
15mm × 15mm × 5.01mm BGA Package
LTM4620
Lower Current than LTM4650; Dual 13A or Single 26A.
Pin Compatible with LTM4650; 4.5V ≤ VIN ≤ 16V, 0.6V ≤ VOUT ≤ 2.5V,
15mm 15mm × 4.41mm LGA and 15mm × 15mm × 5.01mm BGA Packages
LTM4620A
Lower Current and Higher VOUT than LTM4650; Up to
5.3VOUT, Dual 13A or Single 26A.
Pin Compatible with LTM4650; 4.5V ≤ VIN ≤ 16V, 0.6V ≤ VOUT ≤ 2.5V,
15mm 15mm × 4.41mm LGA and 15mm × 15mm × 5.01mm BGA Packages
LTM4628
Lower Current, Higher VIN and VOUT than LTM4650; Dual
8A or Single 16A
Pin Compatible with LTM4650; 4.5V ≤ VIN ≤ 26.5V, 0.6V ≤ VOUT ≤ 5.5V,
15mm 15mm × 4.32mm LGA and 15mm × 15mm × 4.92mm BGA Packages
LTM4677
Dual 18A or Single 36A with PSM
4.5V ≤ VIN ≤ 16V, 0.5V ≤ VOUT ≤ 1.8V. 16mm × 16mm × 5.01mm BGA Package
LTM4639
Lower VIN (2.375V ≤ VIN ≤ 7V), 20A
0.6V ≤ VOUT ≤ 5.5V. 15mm × 15mm × 4.92mm BGA Package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com