Electronic Components Datasheet Search
  English  ▼

X  

LTM8045 Datasheet(PDF) 6 Page - Linear Technology

Part # LTM8045
Description  EN55022B Compliant 58V, 24W Inverting-Output DC/DC 關Module Regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8045 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTM8045 Datasheet HTML 2Page - Linear Technology LTM8045 Datasheet HTML 3Page - Linear Technology LTM8045 Datasheet HTML 4Page - Linear Technology LTM8045 Datasheet HTML 5Page - Linear Technology LTM8045 Datasheet HTML 6Page - Linear Technology LTM8045 Datasheet HTML 7Page - Linear Technology LTM8045 Datasheet HTML 8Page - Linear Technology LTM8045 Datasheet HTML 9Page - Linear Technology LTM8045 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
LTM4651
6
4651f
For more information www.linear.com/LTM4651
TYPICAL PERFORMANCE CHARACTERISTICS
–12V Efficiency vs Load Current
–15V Efficiency vs Load Current
–24V Efficiency vs Load Current
Rated Operating Output Voltage
–3.3V Efficiency vs Load Current
–5V Efficiency vs Load Current
TA = 25°C, unless otherwise noted.
5VIN, 400kHz
12VIN, 400kHz
24VIN, 450kHz
36VIN, 500kHz
48VIN, 500kHz
LOAD CURRENT (A)
0
1
2
3
4
70
75
80
85
90
95
4651 G01
LOAD CURRENT (A)
0
1
2
3
4
70
75
80
85
90
95
4651 G02
5VIN, 400kHz
12VIN, 550kHz
24VIN, 600kHz
36VIN, 600kHz
48VIN, 600kHz
LOAD CURRENT (A)
0
0.5
1
1.5
2
2.5
3
3.5
70
75
80
85
90
95
4651G03
5VIN, 475kHz
12VIN, 825kHz
24VIN, 1.1MHz
36VIN, 1.2MHz
LOAD CURRENT (A)
0
0.5
1
1.5
2
2.5
3
70
75
80
85
90
95
4651 G04
5VIN, 500kHz
12VIN, 875kHz
24VIN, 1.2MHz
36VIN, 1.4MHz
5VIN, 550kHz
12VIN, 1MHz
24VIN, 1.5MHz
LOAD CURRENT (A)
0
0.5
1
1.5
2
70
75
80
85
90
95
4651 G05
INPUT VOLTAGE (V)
0
10
20
30
40
50
60
–30
–25
–20
–15
–10
–5
0
4651 G06
SAFE OPERATING AREA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com