Electronic Components Datasheet Search
  English  ▼

X  

LTM8045 Datasheet(PDF) 32 Page - Linear Technology

Part # LTM8045
Description  EN55022B Compliant 58V, 24W Inverting-Output DC/DC 關Module Regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8045 Datasheet(HTML) 32 Page - Linear Technology

Back Button LTM8045 Datasheet HTML 26Page - Linear Technology LTM8045 Datasheet HTML 27Page - Linear Technology LTM8045 Datasheet HTML 28Page - Linear Technology LTM8045 Datasheet HTML 29Page - Linear Technology LTM8045 Datasheet HTML 30Page - Linear Technology LTM8045 Datasheet HTML 31Page - Linear Technology LTM8045 Datasheet HTML 32Page - Linear Technology LTM8045 Datasheet HTML 33Page - Linear Technology LTM8045 Datasheet HTML 34Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 32 / 34 page
background image
LTM4651
32
4651f
For more information www.linear.com/LTM4651
PACKAGE DESCRIPTION
Table 9. LTM4651 Component BGA Pinout
PIN ID
FUNCTION
PIN ID
FUNCTION
PIN ID
FUNCTION
PIN ID
FUNCTION
PIN ID
FUNCTION
PIN ID
FUNCTION
A1
VIN
B1
CLKIN
C1
NC
D1
PGOOD
E1
COMPb
F1
ISETb
A2
VIN
B2
NC
C2
VOUT–
D2
PGDFB
E2
COMPa
F2
ISETa
A3
VIN
B3
VIN
C3
SVIN
D3
VINREG
E3
fSET
F3
EXTVCC
A4
VD
B4
VD
C4
VD
D4
GND
E4
SVOUT–
F4
RUN
A5
VOUT–
B5
VOUT–
C5
VOUT–
D5
VOUT–
E5
VOUT–
F5
VOUT–
A6
NC
B6
NC
C6
NC
D6
NC
E6
NC
F6
NC
A7
NC
B7
NC
C7
NC
D7
NC
E7
NC
F7
NC
PIN ID
FUNCTION
PIN ID
FUNCTION
PIN ID
FUNCTION
PIN ID
FUNCTION
PIN ID
FUNCTION
G1
GNDSNS
H1
GNDSNS
J1
TEMP+
K1
PGND
L1
PGND
G2
SVOUT–
H2
SVOUT–
J2
TEMP–
K2
PGND
L2
PGND
G3
INTVCC
H3
VOUT–
J3
VOUT–
K3
PGND
L3
PGND
G4
VOUT–
H4
SW
J4
VOUT–
K4
VOUT–
L4
VOUT–
G5
VOUT–
H5
VOUT–
J5
VOUT–
K5
VOUT–
L5
VOUT–
G6
NC
H6
NC
J6
TEMP+
K6
NC
L6
NC
G7
NC
H7
NC
J7
TEMP–
K7
NC
L7
NC
PACKAGE PHOTOGRAPH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com