Electronic Components Datasheet Search
  English  ▼

X  

LTM8045 Datasheet(PDF) 16 Page - Linear Technology

Part # LTM8045
Description  EN55022B Compliant 58V, 24W Inverting-Output DC/DC 關Module Regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8045 Datasheet(HTML) 16 Page - Linear Technology

Back Button LTM8045 Datasheet HTML 12Page - Linear Technology LTM8045 Datasheet HTML 13Page - Linear Technology LTM8045 Datasheet HTML 14Page - Linear Technology LTM8045 Datasheet HTML 15Page - Linear Technology LTM8045 Datasheet HTML 16Page - Linear Technology LTM8045 Datasheet HTML 17Page - Linear Technology LTM8045 Datasheet HTML 18Page - Linear Technology LTM8045 Datasheet HTML 19Page - Linear Technology LTM8045 Datasheet HTML 20Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 34 page
background image
LTM4651
16
4651f
For more information www.linear.com/LTM4651
VIN may be rapidly discharged and CINOUT is used, the
resulting capacitor-divider network formed by CINOUT and
CINL||CINHmaytransientlydragVOUT–excessivelynegative.
It is recommended to straddle VOUT–andPGNDwithaTVS
diode, if output voltage excursions during VIN-discharge
are anticipated.
Frequency Adjustment
The default switching frequency (fSW) of the LTM4651 is
400kHz. This is suitable for mainly low-VIN or low-VOUT–
applications (VIN < 5V or |VOUT–| < 5V). For a practical
design, the LTM4651’s inductor ripple current (∆PK-PK) is
suggested to be less than ~2APK-PK. From EQ. 2, it follows
that fSW should be chosen such that:
1
L • ∆IPK-PK •
1
VIN
–
1
VOUT–


(12)
In some cases, the value of fSW yielded by EQ. 12 violates
the supported minimum on time of the LTM4651 (see
EQ. 3). If this occurs, choose fSW instead according to:
fSW <
D
TON(MIN)
(13)
The primary consequence of using a lower switching
frequency than that dictated by EQ. 12 is that the output
current capability of the LTM4651 is reduced, according
to EQ. 5.
ToconfiguretheLTM4651forahigherswitchingfrequency
than 400kHz default, apply a resistor, RfSET, between the
fSET pin and SVOUT–. RfSET is given (in MΩ) by:
RfSET(MΩ)=
1
10pF •[fSW(MHz)–0.4(MHz)]
(14)
The relationship of RfSET to programmed fSW is shown
in Figure 2.
See Table 1 and Table 8 for Recommended fSW and as-
sociated RfSET values for various combinations of VIN
and VOUT–.
APPLICATIONS INFORMATION
Figure 2. Relationship Between RfSET and Target fSW
VOUT– (V)
–0.5
–3.3
–5
–8
–12
–15
–20
–24
3.6
400kHz,
No RfSET
400kHz,
No RfSET
400kHz,
No RfSET
400kHz,
No RfSET
400kHz,
No RfSET
400kHz,
No RfSET
425kHz,
4.3MΩ
450kHz,
2.2MΩ
5
450kHz,
2.2MΩ
475kHz,
1.3MΩ
500kHz,
1MΩ
525kHz,
806kΩ
550kHz,
665kΩ
12
550kHz,
665kΩ
700kHz,
332kΩ
825kHz,
237kΩ
875kHz,
210kΩ
900kHz,
200kΩ
1MHz,
165kΩ
24
Drive CLKIN
with a 200kHz
Clock, No RfSET
450kHz,
2.2MΩ
600kHz,
499kΩ
800kHz,
249kΩ
1.1MHz,
143kΩ
1.2MHz,
124kΩ
1.4MHz,
100kΩ
1.5MHz,
90.9kΩ
36
Not
Recommended
Due to On-
Time Criteria
Violation
500kHz,
1MΩ
850kHz,
221kΩ
1.2MHz,
124kΩ
1.4MHz,
100kΩ
1.6MHz,
82.5kΩ
N/A
48
900kHz,
200kΩ
N/A Due to SOA Criteria Violation
Table 1. Recommended Switching Frequency (fSW) and RfSET Values for Common Combinations of VIN and VOUT–
RfSET NOT USED
RfSET (kΩ)
10
100
1k
10k
0.1
1
10
4651 F02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com