Electronic Components Datasheet Search
  English  ▼

X  

LTM8045 Datasheet(PDF) 7 Page - Linear Technology

Part # LTM8045
Description  EN55022B Compliant 58V, 24W Inverting-Output DC/DC 關Module Regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8045 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTM8045 Datasheet HTML 3Page - Linear Technology LTM8045 Datasheet HTML 4Page - Linear Technology LTM8045 Datasheet HTML 5Page - Linear Technology LTM8045 Datasheet HTML 6Page - Linear Technology LTM8045 Datasheet HTML 7Page - Linear Technology LTM8045 Datasheet HTML 8Page - Linear Technology LTM8045 Datasheet HTML 9Page - Linear Technology LTM8045 Datasheet HTML 10Page - Linear Technology LTM8045 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
LTM4651
7
4651f
For more information www.linear.com/LTM4651
TYPICAL PERFORMANCE CHARACTERISTICS
Start-Up, Pre-Bias
Short Circuit, No Load
Short Circuit, 1.25A Load
–24V Transient Response, 12VIN
Start-Up, No Load
Start-Up, 1.25A Load
–5V Transient Response, 24VIN
TA = 25°C, unless otherwise noted.
FIGURE 32 CIRCUIT, 24VIN,
CINOUT = CIN = CDGND = CD = 4.7F,
COUT = 47F ×2, RfSET = 665k,
RISET = 100k, RPGDFB = 36.5k,
REXTVCC = 20, 1.8A TO 3.8A LOAD STEP AT 2A/s
40s/DIV
VOUT–
100mV/DIV
AC-COUPLED
IOUT
1A/DIV
4651 G07
FIGURE 32 CIRCUIT,
0.625A TO 1.25A LOAD STEP AT 0.625A/s
20s/DIV
VOUT–
100mV/DIV
AC-COUPLED
IOUT
0.4A/DIV
4651 G08
FIGURE 32 CIRCUIT, APPLICATION OF 12VIN,
START-UP INTO NO LOAD
1ms/DIV
VIN
5V/DIV
RUN
2V/DIV
PGOOD
5V/DIV
VOUT–
10V/DIV
4651 G09
FIGURE 32 CIRCUIT, APPLICATION OF 12VIN,
START-UP INTO 19.2Ω LOAD
1ms/DIV
VIN
5V/DIV
IOUT
500mA/DIV
PGOOD
5V/DIV
VOUT–
10V/DIV
4651 G10
FIGURE 32 CIRCUIT, VOUT– PRE-BIASED
TO –5V THROUGH A 1N4148 DIODE PRIOR
TO RUN TOGGLING HIGH
1ms/DIV
VOUT–
10V/DIV
RUN
2V/DIV
PGOOD
2V/DIV
IDIODE
100mA/DIV
4651 G11
FIGURE 32 CIRCUIT,
NO LOAD PRIOR TO APPLICATION OF
VOUT– SHORT-CIRCUIT
10s/DIV
VOUT–
10V/DIV
IIN
10A/DIV
4651 G12
FIGURE 32 CIRCUIT,
19.2 LOAD PRIOR TO APPLICATION OF
VOUT– SHORT-CIRCUIT
10s/DIV
VOUT–
10V/DIV
IIN
10A/DIV
4651 G13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com