Electronic Components Datasheet Search
  English  ▼

X  

LTM8045 Datasheet(PDF) 34 Page - Linear Technology

Part # LTM8045
Description  EN55022B Compliant 58V, 24W Inverting-Output DC/DC 關Module Regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8045 Datasheet(HTML) 34 Page - Linear Technology

Back Button LTM8045 Datasheet HTML 26Page - Linear Technology LTM8045 Datasheet HTML 27Page - Linear Technology LTM8045 Datasheet HTML 28Page - Linear Technology LTM8045 Datasheet HTML 29Page - Linear Technology LTM8045 Datasheet HTML 30Page - Linear Technology LTM8045 Datasheet HTML 31Page - Linear Technology LTM8045 Datasheet HTML 32Page - Linear Technology LTM8045 Datasheet HTML 33Page - Linear Technology LTM8045 Datasheet HTML 34Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 34 / 34 page
background image
LTM4651
34
4651f
For more information www.linear.com/LTM4651
 
LINEAR TECHNOLOGY CORPORATION 2017
LT 0817 • PRINTED IN USA
www.linear.com/LTM4651
RELATED PARTS
TYPICAL APPLICATION
Figure 37. Concurrent ±12V Supply. See Figure 36 for Output Voltage Start-Up Waveforms
PGOOD
RUN
COMP
INTVCC
DRVCC
fSET
TRACK/SS
FCB
MARG0
MARG1
MPGM
VOUT
VFB
PULL-UP SUPPLY ≤ 5V
R3
51k
C4
0.1µF
C5
22pF
COUT1
47µF
×4
CIN1
10µF
50V
VIN
22V TO 36V
LTM4613
SGND
PGND
MARGIN
CONTROL
R4
51k
RFB
5.23k
R1
392k
5% MARGIN
VD
VIN
PLLIN
C1 TO C3
10µF
50V
×3
VOUT+
12V
UP TO 8A
4651 F37
ISETa
ISETb
VIN
SVIN
VD
RUN
CLKIN
INTVCC
VINREG
COMPa
COMPb
PGOOD
GNDSNS
GND
PGND
VOUT–
SVOUT–
PGDFB
EXTVCC
TEMP+
TEMP–
LTM4651
VOUT–
–12
UP TO 3.15A
COUT2
22µF
LOAD
RfSET
124k
RISET
240k||10k
CD
4.7 F
fSET
CDGND
4.7 F
CINOUT
4.7 F
CIN2
4.7 F
RPGDFB
95.3k
REXTVCC
49.9Ω
RTRACK
10k
CEXTVCC
1µF
PART NUMBER DESCRIPTION
COMMENTS
LTM8045
SEPIC or Inverting µModule DC/DC Converter
2.8V ≤ VIN ≤ 18V, ±2.5V ≤ VOUT ≤ ±15V. IOUT(DC) ≤ 700mA. 6.25mm ×
11.25mm × 4.92mm BGA
LTM8049
Dual, SEPIC and/or Inverting µModule DC/DC Converter
2.6V ≤ VIN ≤ 20V, ±2.5V ≤ VOUT ≤ ±24V. IOUT(DC) ≤ 1A/Channel. 9mm ×
15mm × 2.42mm BGA
LTM8073
60V, 3A Step-Down µModule Regulator
3.4V ≤ VIN ≤ 60V, 0.8V ≤ VOUT ≤ 15V. 6.25mm × 9mm × 3.32mm BGA
LTM8064
58V, ±6A CVCC Step-Down µModule Regulator
6V ≤ VIN ≤ 58V, 1.2V ≤ VOUT ≤ 36V. 11.9mm x 16mm × 4.92mm BGA
LTM4613
EN55022B Compliant, 36V, 8A µModule Regulator
5V ≤ VIN ≤ 36V, 3.3V ≤ VOUT ≤ 15V. 15mm × 15mm × 4.32mm LGA, and
15mm × 15mm × 4.92mm BGA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com