Electronic Components Datasheet Search
  English  ▼

X  

LTM4613 Datasheet(PDF) 11 Page - Linear Technology

Part # LTM4613
Description  EN55022B Compliant 58V, 24W Inverting-Output DC/DC 關Module Regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4613 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTM4613 Datasheet HTML 7Page - Linear Technology LTM4613 Datasheet HTML 8Page - Linear Technology LTM4613 Datasheet HTML 9Page - Linear Technology LTM4613 Datasheet HTML 10Page - Linear Technology LTM4613 Datasheet HTML 11Page - Linear Technology LTM4613 Datasheet HTML 12Page - Linear Technology LTM4613 Datasheet HTML 13Page - Linear Technology LTM4613 Datasheet HTML 14Page - Linear Technology LTM4613 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
LTM4651
11
4651f
For more information www.linear.com/LTM4651
TEST CIRCUIT
DECOUPLING REQUIREMENTS
APPLICATION
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Test Circuit 1
CINH, CD
External High Frequency Input Capacitor Requirement,
24V ≤ VIN ≤ 34V, VOUT– = –24V
2A
9.4
µF
COUTH
External High Frequency Output Capacitor Requirement
24V ≤ VIN ≤ 34V, VOUT– = –24V
2A
22
µF
TA = 25°C. Refer to Test Circuit 1.
ISETa ISETb
VIN
SVIN
RUN
GND
CLKIN
VD
INTVCC
VINREG
COMPa
COMPb
fSET
PGOOD
PGDFB
GNDSNS
PGND
VOUT–
SVOUT–
TEMP+
TEMP–
EXTVCC
LTM4651
VOUT–
–24V
UP TO 2A
AT VIN = 24V
COUTH
27µF
LOAD
COUTL*
68µF
RPGDFB
196k
RfSET
57.6k
RSET
480k
CD
4.7 F
2x
CINH
4.7 F
VIN
3.6V
TO 34V
4651 TC01
+
CTH
0.1 F
RTH
499Ω
CEXTVCC
1 F
SW
NC
REXTVCC**
0Ω
*Polarized output capacitors COUTL, if used, must be rated to withstand ~0.3V typical reverse polarity prior to LTM4651 start-up,
stemming from a weakly forward-biased body diode. In such cases, a Schottky diode should be connected between PGND and
VOUT– to limit the voltage. See the Applications Information section and Figures 33a and 33b.
**Outside the ATE Test environment, REXTVCC, if used, should not be 0Ω. See the Applications Information section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com