Electronic Components Datasheet Search
  English  ▼

X  

LTM4613 Datasheet(PDF) 28 Page - Linear Technology

Part # LTM4613
Description  EN55022B Compliant 58V, 24W Inverting-Output DC/DC 關Module Regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4613 Datasheet(HTML) 28 Page - Linear Technology

Back Button LTM4613 Datasheet HTML 24Page - Linear Technology LTM4613 Datasheet HTML 25Page - Linear Technology LTM4613 Datasheet HTML 26Page - Linear Technology LTM4613 Datasheet HTML 27Page - Linear Technology LTM4613 Datasheet HTML 28Page - Linear Technology LTM4613 Datasheet HTML 29Page - Linear Technology LTM4613 Datasheet HTML 30Page - Linear Technology LTM4613 Datasheet HTML 31Page - Linear Technology LTM4613 Datasheet HTML 32Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 34 page
background image
LTM4651
28
4651f
For more information www.linear.com/LTM4651
APPLICATIONS INFORMATION
Figure 31. Recommend PCB Layout, Package Top View
TYPICAL APPLICATIONS
Figure 32. 1.25A, –24V Output DC/DC μModule Regulator
GND
GND
VIN
VD
VOUT–
4650 F31
*D1 optional (see effect in Figure 33): Central Semiconductor P/N CMMSH1-40L
ISETa
ISETb
VIN
SVIN
VD
RUN
CLKIN
INTVCC
VINREG
COMPa
COMPb
PGOOD
GNDSNS
GND
PGND
VOUT–
SVOUT–
PGDFB
EXTVCC
TEMP+
TEMP–
LTM4651
–24VOUT
UP TO 1.25A
COUT
10µF
×2
LOAD
RfSET
165k
RISET
481k
CD
4.7 F
VIN
12V
4651 F32
fSET
CDGND
4.7 F
CINOUT
4.7 F
CIN
4.7 F
3.3V
RPGDFB
100k
RPGDFB
196k
D1*
REXTVCC
100Ω
CEXTVCC
1µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com