Electronic Components Datasheet Search
  English  ▼

X  

LTM8049 Datasheet(PDF) 11 Page - Linear Technology

Part # LTM8049
Description  15V, 4A Step-Up 關Module Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8049 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTM8049 Datasheet HTML 7Page - Linear Technology LTM8049 Datasheet HTML 8Page - Linear Technology LTM8049 Datasheet HTML 9Page - Linear Technology LTM8049 Datasheet HTML 10Page - Linear Technology LTM8049 Datasheet HTML 11Page - Linear Technology LTM8049 Datasheet HTML 12Page - Linear Technology LTM8049 Datasheet HTML 13Page - Linear Technology LTM8049 Datasheet HTML 14Page - Linear Technology LTM8049 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
LTM4661
11
4661f
For more information www.linear.com/LTM4661
switchingresumes,defeatingtheinrushcurrentlimitingof
the closed-loop soft-start following an overvoltage event.
Thermal Considerations and Output Current Derating
The thermal resistances reported in the Pin Configuration
section of the data sheet are consistent with those param-
eters defined by JESD51-9 and are intended for use with
finite element analysis (FEA) software modeling tools that
leverage the outcome of thermal modeling, simulation and
correlationtohardwareevaluationperformedonaµModule
package mounted to a hardware test board—also defined
by JESD51-9 (“Test Boards for Area Array Surface Mount
Package Thermal Measurements”). The motivation for
providingthesethermalcoefficientsinfoundinJESD51-12
(“Guidelines for Reporting and Using Electronic Package
Thermal Information”).
Many designers may opt to use laboratory equipment
and a test vehicle such as the demo board to anticipate
the µModule regulator’s thermal performance in their ap-
plication at various electrical and environmental operating
conditions to compliment any FEA activities. Without FEA
software, the thermal resistances reported in the Pin Con-
figuration section are in and of themselves not relevant to
providing guidance of thermal performance; instead, the
derating curves provided in the data sheet can be used in
a manner that yields insight and guidance pertaining to
one’s application usage and can be adapted to correlate
thermal performance to one’s own application.
The Pin Configuration section typically gives four thermal
coefficients explicitly defined in JESD51-12; these coef-
ficients are quoted or paraphrased below:
1. θJA, the thermal resistance from junction to ambi-
ent, is the natural convection junction-to-ambient
air thermal resistance measured in a one cubic foot
sealed enclosure. This environment is sometimes
referred to as “still air” although natural convection
causes the air to move. This value is determined with
the part mounted to a JESD51-9 defined test board,
which does not reflect an actual application or viable
operating condition.
2. θJCbottom, the thermal resistance from junction to
ambient,isthenaturalconvectionjunction-to-ambient
air thermal resistance measured in a one cubic foot
sealed enclosure. This environment is sometimes
referred to as “still air” although natural convection
causes the air to move. This value is determined with
the part mounted to a JESD51-9 defined test board,
which does not reflect an actual application or viable
operating condition.
3. θJCtop, the thermal resistance from junction to top of
the product case, is determined with nearly all of the
component power dissipation flowing through the top
of the package. As the electrical connections of the
typical µModule are on the bottom of the package, it
is rare for an application to operate such that most of
the heat flows from the junction to the top of the part.
As in the case of θJCbottom, this value may be useful
for comparing packages but the test conditions don’t
generally match the user’s application.
4. θJB, the thermal resistance from junction to the
printed circuit board, is the junction-to-board thermal
resistance where almost all of the heat flows through
the bottom of the µModule and into the board, and
is really the sum of the θJCbottom and the thermal re-
sistance of the bottom of the part through the solder
joints and through a portion of the board. The board
temperature is measured a specified distance from
the package, using a two sided, two layer board. This
board is described in JESD51-9.
A graphical representation of the aforementioned ther-
mal resistances is given in Figure 3; blue resistances are
contained within the µModule regulator, whereas green
resistances are external to the µModule.
As a practical matter, it should be clear to the reader that
no individual or subgroup of the four thermal resistance
parameters defined by JESD51-12 or provided in the Pin
Configuration section replicates or conveys normal op-
erating conditions of a μModule. For example, in normal
board-mounted applications, never does 100% of the
device’s total power loss (heat) thermally conduct exclu-
sivelythroughthetoporexclusivelythroughbottomofthe
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com