Electronic Components Datasheet Search
  English  ▼

X  

LTM8049 Datasheet(PDF) 14 Page - Linear Technology

Part # LTM8049
Description  15V, 4A Step-Up 關Module Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8049 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTM8049 Datasheet HTML 10Page - Linear Technology LTM8049 Datasheet HTML 11Page - Linear Technology LTM8049 Datasheet HTML 12Page - Linear Technology LTM8049 Datasheet HTML 13Page - Linear Technology LTM8049 Datasheet HTML 14Page - Linear Technology LTM8049 Datasheet HTML 15Page - Linear Technology LTM8049 Datasheet HTML 16Page - Linear Technology LTM8049 Datasheet HTML 17Page - Linear Technology LTM8049 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
LTM4661
14
4661f
For more information www.linear.com/LTM4661
APPLICATIONS INFORMATION
Figure 10. 5V Input to 8V Output
Derating Curve, No Heat Sink
Figure 11. 3.3V Input to 12V Output
Derating Curve, No Heat Sink
Figure 12. 5V Input to 12V Output
Derating Curve, No Heat Sink
Figure 13. 3.3V Input to 15V Output
Derating Curve, No Heat Sink
Figure 14. 5V Input to 15V Output
Derating Curve, No Heat Sink
AMBIENT TEMPERATURE (°C)
30
1.8
1.4
1.0
0.2
0.4
0.6
1.6
1.2
0.8
0
80
60
100
4661 F10
110
70
50
90
40
0LFM
200LFM
400LFM
AMBIENT TEMPERATURE (°C)
30
0.8
0.6
0.7
0.5
0.4
0.1
0.2
0.3
0
80
60
100
4661 F11
110
70
50
90
40
0LFM
200LFM
400LFM
AMBIENT TEMPERATURE (°C)
30
0.9
0.8
0.6
0.7
0.4
0.2
0.5
0.3
0.1
0
70
50
90
4661 F14
110
60
100
40
80
0LFM
200LFM
400LFM
AMBIENT TEMPERATURE (°C)
30
1.2
1
0.6
0.8
0.4
0.2
0
70
50
90
4661 F12
110
60
100
40
80
0LFM
200LFM
400LFM
AMBIENT TEMPERATURE (°C)
30
0.6
0.5
0.4
0.1
0.2
0.3
0
80
60
100
4661 F13
110
70
50
90
40
0LFM
200LFM
400LFM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com