Electronic Components Datasheet Search
  English  ▼

X  

LTM8049 Datasheet(PDF) 15 Page - Linear Technology

Part # LTM8049
Description  15V, 4A Step-Up 關Module Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8049 Datasheet(HTML) 15 Page - Linear Technology

Back Button LTM8049 Datasheet HTML 11Page - Linear Technology LTM8049 Datasheet HTML 12Page - Linear Technology LTM8049 Datasheet HTML 13Page - Linear Technology LTM8049 Datasheet HTML 14Page - Linear Technology LTM8049 Datasheet HTML 15Page - Linear Technology LTM8049 Datasheet HTML 16Page - Linear Technology LTM8049 Datasheet HTML 17Page - Linear Technology LTM8049 Datasheet HTML 18Page - Linear Technology LTM8049 Datasheet HTML 19Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
LTM4661
15
4661f
For more information www.linear.com/LTM4661
Table 3. 5V Output
DERATING CURVE
VIN (V)
POWER LOSS CURVE
AIR FLOW (LFM)
HEAT SINK
ΘJA (°C/W)
Figure 8
3.3
Figure 4
0
None
21
Figure 8
3.3
Figure 4
200
None
19
Figure 8
3.3
Figure 4
400
None
18
Table 4. 8V Output
DERATING CURVE
VIN (V)
POWER LOSS CURVE
AIR FLOW (LFM)
HEAT SINK
ΘJA (°C/W)
Figures 9, 10
3.3, 5
Figure 5
0
None
21
Figures 9, 10
3.3, 5
Figure 5
200
None
19
Figures 9, 10
3.3, 5
Figure 5
400
None
18
Table 5. 12V Output
DERATING CURVE
VIN (V)
POWER LOSS CURVE
AIR FLOW (LFM)
HEAT SINK
ΘJA (°C/W)
Figures 11, 12
3.3, 5
Figure 6
0
None
21
Figures 11, 12
3.3, 5
Figure 6
200
None
19
Figures 11, 12
3.3, 5
Figure 6
400
None
18
Table 6. 15V Output
DERATING CURVE
VIN (V)
POWER LOSS CURVE
AIR FLOW (LFM)
HEAT SINK
ΘJA (°C/W)
Figures 13, 14
3.3, 5
Figure 7
0
None
21
Figures 13, 14
3.3, 5
Figure 7
200
None
19
Figures 13, 14
3.3, 5
Figure 7
400
None
18
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com