Electronic Components Datasheet Search
  English  ▼

X  

LTM8049 Datasheet(PDF) 12 Page - Linear Technology

Part # LTM8049
Description  15V, 4A Step-Up 關Module Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8049 Datasheet(HTML) 12 Page - Linear Technology

Back Button LTM8049 Datasheet HTML 8Page - Linear Technology LTM8049 Datasheet HTML 9Page - Linear Technology LTM8049 Datasheet HTML 10Page - Linear Technology LTM8049 Datasheet HTML 11Page - Linear Technology LTM8049 Datasheet HTML 12Page - Linear Technology LTM8049 Datasheet HTML 13Page - Linear Technology LTM8049 Datasheet HTML 14Page - Linear Technology LTM8049 Datasheet HTML 15Page - Linear Technology LTM8049 Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
LTM4661
12
4661f
For more information www.linear.com/LTM4661
µModule—asthestandarddefinesforθJCtopandθJCbottom,
respectively.Inpractice,powerlossisthermallydissipated
in both directions away from the package—granted, in
the absence of a heat sink and airflow, a majority of the
heat flow is into the board.
Within a SIP (system-in-package) module, be aware there
are multiple power devices and components dissipating
power, with a consequence that the thermal resistances
relative to different junctions of components or die are not
exactly linear with respect to total package power loss. To
reconcile this complication without sacrificing modeling
simplicity—but also, not ignoring practical realities—an
approach has been taken using FEA software modeling
along with laboratory testing in a controlled-environment
chamber to reasonably define and correlate the thermal
resistance values supplied in this data sheet: (1) Initially,
FEA software is used to accurately build the mechanical
geometry of the µModule and the specified PCB with all
of the correct material coefficients along with accurate
power loss source definitions; (2) this model simulates
a software-defined JEDEC environment consistent with
JESD51-9 to predict power loss heat flow and temperature
readingsatdifferentinterfacesthatenablethecalculationof
theJEDEC-definedthermalresistancevalues;(3)themodel
and FEA software is used to evaluate the µModule with
heat sink and airflow; (4) having solved for and analyzed
these thermal resistance values and simulated various
operating conditions in the software model, a thorough
laboratory evaluation replicates the simulated conditions
with thermocouples within a controlled-environment
chamber while operating the device at the same power
loss as that which was simulated. An outcome of this
process and due diligence yields a set of derating curves
provided in other sections of this data sheet. After these
laboratory tests have been performed and correlated to
the µModule model, then the θJB and θBA are summed
togethertocorrelatequitewellwiththeµModulemodelwith
no airflow or heat sinking in a properly defined chamber.
This θJB + θBA value is shown in the Pin Configuration
section and should accurately equal the θJA value because
approximately 100% of power loss flows from the junc-
tion through the board into ambient with no airflow or top
mounted heat sink.
The 5V, 8V, 12V and 15V output power loss curves in
Figures 4 to 7 can be used in coordination with the load
current derating curves in Figures 8 to 14 for calculating
an approximate θJA thermal resistance for the LTM4661
with various heat sinking and airflow conditions. The
power loss curves are taken at room temperature and
are increased with multiplicative factors according to the
ambient temperature. These approximate factors is 1.4
assuming the junction temperature at 110°C. The output
voltages are chosen to include the lower and higher out-
put voltage ranges for correlating the thermal resistance.
Thermal models are derived from several temperature
measurementsinacontrolledtemperaturechamberalong
withthermalmodelinganalysis.Thejunctiontemperatures
are monitored while ambient temperature is increased
with and without airflow. The power loss increase with
ambient temperature change is factored into the derating
APPLICATIONS INFORMATION
Figure 3. Graphical Representation of JESD51-12 Thermal Coefficients
4661 F03
µMODULE DEVICE
JUNCTION-TO-CASE (TOP)
RESISTANCE
JUNCTION-TO-BOARD RESISTANCE
JUNCTION-TO-AMBIENT RESISTANCE (JESD 51-9 DEFINED BOARD)
CASE (TOP)-TO-AMBIENT
RESISTANCE
BOARD-TO-AMBIENT
RESISTANCE
JUNCTION-TO-CASE
(BOTTOM) RESISTANCE
JUNCTION
AMBIENT
CASE (BOTTOM)-TO-BOARD
RESISTANCE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com