Electronic Components Datasheet Search
  English  ▼

X  

LT3757 Datasheet(PDF) 14 Page - Linear Technology

Part # LT3757
Description  60V 2MHz Synchronous 4-Switch Buck-Boost Controller with Spread Spectrum
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3757 Datasheet(HTML) 14 Page - Linear Technology

Back Button LT3757 Datasheet HTML 10Page - Linear Technology LT3757 Datasheet HTML 11Page - Linear Technology LT3757 Datasheet HTML 12Page - Linear Technology LT3757 Datasheet HTML 13Page - Linear Technology LT3757 Datasheet HTML 14Page - Linear Technology LT3757 Datasheet HTML 15Page - Linear Technology LT3757 Datasheet HTML 16Page - Linear Technology LT3757 Datasheet HTML 17Page - Linear Technology LT3757 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 30 page
background image
LT8390A
14
8390afa
For more information www.linear.com/LT8390A
(3) Peak-Boost in Buck-Boost Region (VIN <~ VOUT)
When VIN is slightly lower than VOUT, the LT8390A uses
peak-boost current mode control in buck-boost region
(Figure 6). Switch A is always turned on for the begin-
ning 80% cycle and switch B is always turned on for the
remaining 20% cycle. At the beginning of every cycle,
switches A and C are turned on and the inductor current
ramps up. When the inductor current hits the peak boost
current threshold commanded by VC voltage at boost
current comparator A4 during (A+C) phase, switch C is
turned off and switch D is turned on for the rest of the
cycle. After 80% cycle, switch A is turned off and switch
B is turned on for the rest of the cycle.
OPERATION
Figure 6. Peak-Boost in Buck-Boost Region (VIN <~ VOUT)
Figure 7. Peak-Boost in Boost Region (VIN << VOUT)
A
B
C
20%
80%
80%
20%
D
IL
A+D
A+C
B+D
A+D
A+C
B+D
8390a F06
(4) Peak-Boost in Boost Region (VIN << VOUT)
When VIN is much lower than VOUT, the LT8390A uses
peak-boostcurrentmodecontrolinboostregion(Figure7).
Switch A is always on and switch B is always off. At the
beginning of every cycle, switch C is turned on and the
inductor current ramps up. When the inductor current hits
the peak boost current threshold commanded by VC volt-
age at boost current comparator A4 during (A+C) phase,
switch C is turned off and switch D is turned on for the
rest of the cycle. Switches C and D will alternate, behaving
like a typical synchronous boost regulator.
A
B
C
100% ON
100% OFF
D
IL
A+D
A+C
A+D
A+C
8390a F07



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com