Electronic Components Datasheet Search
  English  ▼

X  

LT3757 Datasheet(PDF) 24 Page - Linear Technology

Part # LT3757
Description  60V 2MHz Synchronous 4-Switch Buck-Boost Controller with Spread Spectrum
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3757 Datasheet(HTML) 24 Page - Linear Technology

Back Button LT3757 Datasheet HTML 20Page - Linear Technology LT3757 Datasheet HTML 21Page - Linear Technology LT3757 Datasheet HTML 22Page - Linear Technology LT3757 Datasheet HTML 23Page - Linear Technology LT3757 Datasheet HTML 24Page - Linear Technology LT3757 Datasheet HTML 25Page - Linear Technology LT3757 Datasheet HTML 26Page - Linear Technology LT3757 Datasheet HTML 27Page - Linear Technology LT3757 Datasheet HTML 28Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 30 page
background image
LT8390A
24
8390afa
For more information www.linear.com/LT8390A
APPLICATIONS INFORMATION
Soft-Start and Short-Circuit Protection
As shown in Figure 8 and explained in the Operation sec-
tion, the SS pin can be used to program the output voltage
soft-start by connecting an external capacitor from the SS
pin to ground. The internal 12.5µA pull-up current charges
up the capacitor, creating a voltage ramp on the SS pin.
As the SS pin voltage rises linearly from 0.25V to 1V (and
beyond), the output voltage rises smoothly into its final
voltageregulation.Thesoft-starttimecanbecalculatedas:
tSS = 1V •
CSS
12.5µA
MakesuretheCSSisatleastfivetotentimeslargerthanthe
compensation capacitor on the VCpinforawell-controlled
output voltage soft-start. A 22nF ceramic capacitor is a
good starting point.
The SS pin is also used as a fault timer. Once an output
short-circuit fault is detected, a 1.25µA pull-down current
source is activated. Using a single resistor from the SS pin
to the VREF pin, the LT8390A can be set to three different
fault protection modes: hiccup (no resistor), latch-off
(499k), and keep-running (100k).
With a 100k resistor in keep-running mode, the LT8390A
continues switching normally and regulates the current
into ground. With a 499k resistor in latch-off mode, the
LT8390A stops switching until the EN/UVLO pin is pulled
low and high to restart. With no resistor in hiccup mode,
the LT8390A enters low duty cycle auto-retry operation.
The 1.25µA pull-down current discharges the SS pin to
0.2V and then 12.5µA pull-up current charges the SS
pin up. If the output short-circuit condition has not been
removed when the SS pin reaches 1.75V, the 1.25µA
pull-down current turns on again, initiating a new hiccup
cycle. This will continue until the fault is removed. Once
the output short-circuit condition is removed, the output
will have a smooth short-circuit recovery due to soft-start.
Loop Compensation
The LT8390A uses an internal transconductance error
amplifier, the output of which, VC, compensates the con-
trol loop. The external inductor, output capacitor, and the
compensation resistor and capacitor determine the loop
stability.
The inductor and output capacitor are chosen based on
performance, size and cost. The compensation resistor
and capacitor on the VC pin are set to optimize control
loop response and stability. For a typical voltage regulator
application, a 2.2nF compensation capacitor on the VC pin
is adequate, and a series resistor should always be used
to increase the slew rate on the VC pin to maintain tighter
output voltage regulation during fast transients on the
input supply of the converter.
Efficiency Considerations
The power efficiency of a switching regulator is equal to
the output power divided by the input power times 100%.
It is often useful to analyze individual losses to determine
what is limiting the efficiency and which change would
produce the most improvement. Although all dissipative
elements in circuits produce losses, four main sources
account for most of the losses in LT8390A circuits:
1. DC I2R losses. These arise from the resistances of the
MOSFETs, sensing resistor, inductor and PC board
traces and cause the efficiency to drop at high output
currents.
2. Transition loss. This loss arises from the brief amount
of time switch A or switch C spends in the saturated
region during switch node transitions. It depends upon
the input voltage, load current, driver strength and
MOSFET capacitance, among other factors.
3. INTVCC current. This is the sum of the MOSFET driver
and control currents.
4. CIN and COUT loss. The input capacitor has the dif-
ficult job of filtering the large RMS input current to the
regulator in buck region. The output capacitor has the
difficult job of filtering the large RMS output current in
boost region. Both CIN and COUT are required to have
low ESR to minimize the AC I2R loss and sufficient
capacitance to prevent the RMS current from causing
additional upstream losses in fuses or batteries.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com