Electronic Components Datasheet Search
  English  ▼

X  

LT3757 Datasheet(PDF) 22 Page - Linear Technology

Part # LT3757
Description  60V 2MHz Synchronous 4-Switch Buck-Boost Controller with Spread Spectrum
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3757 Datasheet(HTML) 22 Page - Linear Technology

Back Button LT3757 Datasheet HTML 18Page - Linear Technology LT3757 Datasheet HTML 19Page - Linear Technology LT3757 Datasheet HTML 20Page - Linear Technology LT3757 Datasheet HTML 21Page - Linear Technology LT3757 Datasheet HTML 22Page - Linear Technology LT3757 Datasheet HTML 23Page - Linear Technology LT3757 Datasheet HTML 24Page - Linear Technology LT3757 Datasheet HTML 25Page - Linear Technology LT3757 Datasheet HTML 26Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 30 page
background image
LT8390A
22
8390afa
For more information www.linear.com/LT8390A
APPLICATIONS INFORMATION
Programming Input or Output Current Limit
The input or output current limit can be programmed by
placing an appropriate value current sense resistor, RIS, in
the input or output power path. The voltage drop across
RIS is (Kelvin) sensed by the ISP and ISN pins. The CTRL
pin should be tied to a voltage higher than 1.35V to get
the full-scale 100mV (typical) threshold across the sense
resistor. The CTRL pin can be used to reduce the current
threshold to zero, although relative accuracy decreases
with the decreasing sense threshold. When the CTRL pin
voltage is between 0.3V and 1.15V, the current limit is:
IIS(MAX) =
VCTRL −0.25V
10 •RIS
When VCTRL is between 1.15V and 1.35V the current limit
varies with VCTRL, but departs from the equation above
by an increasing amount as VCTRL increases. Ultimately,
when VCTRL is larger than 1.35V, the current limit no
longer varies. The typical V(ISP-ISN) threshold vs VCTRL is
listed in Table 2.
Table 2. V(ISP-ISN) Threshold vs VCTRL
VCTRL (V)
V(ISP-ISN) (mV)
1.15
90
1.20
94.5
1.25
98
1.30
99.5
1.35
100
When VCTRL is larger than 1.35V, the current threshold
is regulated to:
IIS(MAX) =
100mV
RIS
The CTRL pin should not be left open (tie to VREF if not
used). The CTRL pin can also be used in conjunction with
a thermistor to provide overtemperature protection for
the output load, or with a resistor divider to VIN to reduce
output power and switching current when VIN is low.
The presence of a time varying differential voltage ripple
signal across the ISP and ISN pins at the switching
Figure 13. Programming Input Current Limit
LT8390A
ISP
8390a F13a
ISN
RIS
+
TO DRAIN OF
SWITCH A
FROM POWER
INPUT
LT8390A
ISP
8390a F13b
ISN
RIS
CF
RF
+
TO DRAIN OF
SWITCH A
FROM POWER
INPUT
RF
(13a)
(13b)
frequency is expected. If the current sense resistor RIS
is placed between power input and input bulk capacitor
(Figure 13a), or between output bulk capacitor and system
output (Figure 14a), a filter is typically not necessary. If
the RIS is placed between input bulk capacitor and input
decoupling capacitor (Figure 13b), or between output
decoupling capacitor and output bulk capacitor (Figure
14b), a low pass filter formed by RF and CF is recom-
mended to reduce the current ripple and stabilize the
current loop. Since the bias currents of the ISP and ISN
pins are matched, no offset is introduced by RF. If input
or output current limit is not used, the ISP and ISN pins
should be shorted to VIN, VOUT, or ground.
ISMON Current Monitor
The ISMON pin provides a buffered monitor output of the
currentflowingthroughtheISP/ISNcurrentsenseresistor,
RIS. The VISMON voltage is calculated as V(ISP-ISN) • 10 +
0.25V. Since the ISMON pin has the same 0.25V offset
as the CTRL pin, the master LT8390A ISMON pin can
be directly tied to the slave LT8390A CTRL pin for equal
current sharing in parallel applications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com