Electronic Components Datasheet Search
  English  ▼

X  

LT3757 Datasheet(PDF) 19 Page - Linear Technology

Part # LT3757
Description  60V 2MHz Synchronous 4-Switch Buck-Boost Controller with Spread Spectrum
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3757 Datasheet(HTML) 19 Page - Linear Technology

Back Button LT3757 Datasheet HTML 15Page - Linear Technology LT3757 Datasheet HTML 16Page - Linear Technology LT3757 Datasheet HTML 17Page - Linear Technology LT3757 Datasheet HTML 18Page - Linear Technology LT3757 Datasheet HTML 19Page - Linear Technology LT3757 Datasheet HTML 20Page - Linear Technology LT3757 Datasheet HTML 21Page - Linear Technology LT3757 Datasheet HTML 22Page - Linear Technology LT3757 Datasheet HTML 23Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 30 page
background image
LT8390A
19
8390afa
For more information www.linear.com/LT8390A
APPLICATIONS INFORMATION
Power MOSFET Selection
TheLT8390ArequiresfourexternalN-channelpowerMOS-
FETs, two for the top switches (switches A and D shown
in Figure 1) and two for the bottom switches (switches B
and C shown in Figure 1). Important parameters for the
power MOSFETs are the breakdown voltage VBR(DSS),
threshold voltage VGS(TH), on-resistance RDS(ON), reverse
transfercapacitanceCRSSandmaximumcurrentIDS(MAX).
To achieve 2MHz operation, the power MOSFET selection
is critical. With typical 25ns shoot-through protection
deadtime, high performance power MOSFETs with low
Qg and low RDS(ON) must be used.
Since the gate drive voltage is set by the 5V INTVCC supply,
logic-level threshold MOSFETs must be used in LT8390A
applications.SwitchingfourMOSFETsathigherfrequency
like2MHz,thesubstantialgatechargecurrentfromINTVCC
can be estimated as:
IINTVCC=f• QgA+QgB+QgC+QgD
(
)
where:
f is the switching frequency
QgA,QgB,QgC,QgDarethetotalgatechargesofMOSFETs
A, B, C, D
Make sure the total required INTVCC current not exceed-
ing the INTVCC current limit in the datasheet. Typically,
MOSFETs with less than 10nC Qg are recommended.
The LT8390A uses the VIN/VOUT ratio to transition between
modesandregions.BiggerIRdropinthepowerpathcaused
by improper MOSFET and inductor selection may prevent
the LT8390A from smooth transition. To ensure smooth
transitions between buck, buck-boost, and boost modes
of operation, choose low RDS(ON) MOSFETs and low DCR
inductor to satisfy:
IOUT(MAX) ≤
0.025•VOUT
RA,B+RC,D+RSENSE+RL
where:
RA,BisthemaximumRDS(ON)ofMOSFETsAorBat25°C
RC,D is the maximum RDS(ON) of MOSFETs C or D at
25°C
Figure 11. Normalized RDS(ON) vs Temperature
RL is the maximum DCR resistor of inductor at 25°C
The RDS(ON) and DCR increase at higher junction
temperaturesandtheprocessvariationhavebeenincluded
in the calculation above.
In order to select the power MOSFETs, the power dis-
sipated by the device must be known. For switch A, the
maximumpowerdissipationhappensinboostregion,when
it remains on all the time. Its maximum power dissipation
at maximum output current is given by:
PA(BOOST) =
IOUT(MAX) • VOUT
VIN
2
• ρT •RDS(ON)
where ρT is a normalization factor (unity at 25°C) ac-
counting for the significant variation in on-resistance with
temperature, typically 0.4%/°C as shown in Figure 11. For
a maximum junction temperature of 125°C, using a value
of ρT = 1.5 is reasonable.
Switch B operates in buck region as the synchronous
rectifier. Its power dissipation at maximum output cur-
rent is given by:
PB(BUCK) =
VIN − VOUT
VIN
•IOUT(MAX)
2 •ρT •RDS(ON)
Switch C operates in boost region as the control switch.
Its power dissipation at maximum current is given by:
PC(BOOST) =
VOUT − VIN
(
) • VOUT
VIN
2
•IOUT(MAX)
2 •ρT
•RDS(ON) + k • VOUT
3 •
IOUT(MAX)
VIN
• CRSS • f
JUNCTION TEMPERATURE (°C)
–50
1.0
1.5
150
8390a F11
0.5
0
0
50
100
2.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com