Electronic Components Datasheet Search
  English  ▼

X  

LT3757 Datasheet(PDF) 2 Page - Linear Technology

Part # LT3757
Description  60V 2MHz Synchronous 4-Switch Buck-Boost Controller with Spread Spectrum
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3757 Datasheet(HTML) 2 Page - Linear Technology

  LT3757 Datasheet HTML 1Page - Linear Technology LT3757 Datasheet HTML 2Page - Linear Technology LT3757 Datasheet HTML 3Page - Linear Technology LT3757 Datasheet HTML 4Page - Linear Technology LT3757 Datasheet HTML 5Page - Linear Technology LT3757 Datasheet HTML 6Page - Linear Technology LT3757 Datasheet HTML 7Page - Linear Technology LT3757 Datasheet HTML 8Page - Linear Technology LT3757 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
LT8390A
2
8390afa
For more information www.linear.com/LT8390A
ABSOLUTE MAXIMUM RATINGS
VIN, EN/UVLO, VOUT, ISP, ISN ....................................60V
(ISP-ISN) ..........................................................–1V to 1V
BST1, BST2................................................................66V
SW1, SW2, LSP, LSN..................................... –6V to 60V
INTVCC, (BST1-SW1), (BST2-SW2)..............................6V
(BST1-LSP), (BST1-LSN) .............................................6V
(Note 1)
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT8390AEFE#PBF
LT8390AEFE#TRPBF
LT8390AFE
28-Lead Plastic TSSOP
–40°C to 125°C
LT8390AIFE#PBF
LT8390AIFE#TRPBF
LT8390AFE
28-Lead Plastic TSSOP
–40°C to 125°C
LT8390AHFE#PBF
LT8390AHFE#TRPBF
LT8390AFE
28-Lead Plastic TSSOP
–40°C to 150°C
LT8390AEUFD#PBF
LT8390AEUFD#TRPBF
8390A
28-Lead (4mm × 5mm) Plastic QFN
–40°C to 125°C
LT8390AIUFD#PBF
LT8390AIUFD#TRPBF
8390A
28-Lead (4mm × 5mm) Plastic QFN
–40°C to 125°C
LT8390AHUFD#PBF
LT8390AHUFD#TRPBF
8390A
28-Lead (4mm × 5mm) Plastic QFN
–40°C to 150°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/. Some packages are available in 500 unit reels through
designated sales channels with #TRMPBF suffix.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
TOP VIEW
FE PACKAGE
28-LEAD PLASTIC TSSOP
28
27
26
25
24
23
22
21
20
19
18
17
16
15
BG1
BST1
SW1
TG1
LSP
LSN
VIN
INTVCC
EN/UVLO
TEST
LOADEN
VREF
CTRL
ISP
BG2
BST2
SW2
TG2
VOUT
LOADTG
SYNC/SPRD
RT
VC
FB
SS
PGOOD
ISMON
ISN
29
GND
θJA = 30°C/W, θJC = 5°C/W
EXPOSED PAD (PIN 29) IS GND, MUST BE SOLDERED TO PCB
9 10
TOP VIEW
29
GND
UFD PACKAGE
28-LEAD (4mm × 5mm) PLASTIC QFN
11 12 13
28 27 26 25 24
14
23
6
5
4
3
2
1
TG1
LSP
LSN
VIN
INTVCC
EN/UVLO
TEST
LOADEN
TG2
VOUT
LOADTG
SYNC/SPRD
RT
VC
FB
SS
7
17
18
19
20
21
22
16
8
15
θJA = 43°C/W, θJC = 3.4°C/W
EXPOSED PAD (PIN 29) IS GND, MUST BE SOLDERED TO PCB
PIN CONFIGURATION
http://www.linear.com/product/LT8390A#orderinfo
FB, LOADEN, SYNC/SPRD, CTRL, PGOOD...................6V
Operating Junction Temperature Range (Notes 2, 3)
LT8390AE ........................................... –40°C to 125°C
LT8390AI............................................ –40°C to 125°C
LT8390AH........................................... –40°C to 150°C
Storage Temperature Range ................... –65°C to 150°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com