Electronic Components Datasheet Search
  English  ▼

X  

LTC3891 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC3891
Description  Low IQ, Dual 2-Phase Synchronous Step-Down Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3891 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC3891 Datasheet HTML 4Page - Linear Technology LTC3891 Datasheet HTML 5Page - Linear Technology LTC3891 Datasheet HTML 6Page - Linear Technology LTC3891 Datasheet HTML 7Page - Linear Technology LTC3891 Datasheet HTML 8Page - Linear Technology LTC3891 Datasheet HTML 9Page - Linear Technology LTC3891 Datasheet HTML 10Page - Linear Technology LTC3891 Datasheet HTML 11Page - Linear Technology LTC3891 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
LTC3858-2
8
38582f
PIN FUNCTIONS
SENSE1–, SENSE2– (Pin 1, Pin 9): The (–) Input to the
Differential Current Comparators. When greater than
INTVCC – 0.5V, the SENSE– pin supplies current to the
current comparator.
FREQ (Pin 2): The Frequency Control Pin for the Internal
Voltage-Controlled Oscillator (VCO). Connecting this pin
to GND forces the VCO to a fixed low frequency of 350kHz.
Connecting this pin to INTVCC forces the VCO to a fixed high
frequency of 535kHz. Other frequencies between 50kHz
and 900kHz can be programmed using a resistor between
FREQ and GND. An internal 20μA pull-up current develops
the voltage to be used by the VCO to control the frequency
PHASMD (Pin 3): Control input to phase selector which
determines the phase relationships between controller 1,
controller 2 and the CLKOUT signal. Pulling this pin to
ground forces TG2 and CLKOUT to be out of phase 180°
and 60° with respect to TG1. Connecting this pin to IN-
TVCC forces TG2 and CLKOUT to be out of phase 240° and
120° with respect to TG1. Floating this pin forces TG2 and
CLKOUT to be out of phase 180° and 90° with respect to
TG1. Refer to the Table 1.
CLKOUT (Pin 4): Output clock signal available to daisy-
chain other controller ICs for additional MOSFET driver
stages/phases. The output levels swing from INTVCC to
ground.
PLLIN/MODE (Pin 5): External Synchronization Input to
Phase Detector and Forced Continuous Mode Input. When
an external clock is applied to this pin, the phase-locked
loop will force the rising TG1 signal to be synchronized
with the rising edge of the external clock. When not syn-
chronizing to an external clock, this input, which acts on
both controllers, determines how the LTC3858-2 operates
at light loads. Pulling this pin to ground selects Burst Mode
operation. An internal 100k resistor to ground also invokes
Burst Mode operation when the pin is floated. Tying this pin
to INTVCC forces continuous inductor current operation.
Tying this pin to a voltage greater than 1.2V and less than
INTVCC – 1.3V selects pulse-skipping operation.
SGND (Pin 6, Exposed Pad Pin 33): Small-signal ground
common to both controllers, must be routed separately
from high current grounds to the common (–) terminals
of the CIN capacitors. The exposed pad must be soldered
to the PCB for rated thermal performance.
RUN1, RUN2 (Pin 7, Pin 8): Digital Run Control Inputs for
Each Controller. Forcing either of these pins below 1.2V
shuts down that controller. Forcing both of these pins
below 0.7V shuts down the entire LTC3858-2, reducing
quiescent current to approximately 8μA.
ILIM (Pin 28): Current Comparator Sense Voltage Range
Inputs. Tying this pin to SGND, FLOAT or INTVCC sets the
maximum current sense threshold to one of three different
levels for both comparators.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com