Electronic Components Datasheet Search
  English  ▼

X  

LTC3891 Datasheet(PDF) 38 Page - Linear Technology

Part # LTC3891
Description  Low IQ, Dual 2-Phase Synchronous Step-Down Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3891 Datasheet(HTML) 38 Page - Linear Technology

Back Button LTC3891 Datasheet HTML 32Page - Linear Technology LTC3891 Datasheet HTML 33Page - Linear Technology LTC3891 Datasheet HTML 34Page - Linear Technology LTC3891 Datasheet HTML 35Page - Linear Technology LTC3891 Datasheet HTML 36Page - Linear Technology LTC3891 Datasheet HTML 37Page - Linear Technology LTC3891 Datasheet HTML 38Page - Linear Technology LTC3891 Datasheet HTML 39Page - Linear Technology LTC3891 Datasheet HTML 40Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 38 / 40 page
background image
LTC3858-2
38
38582f
High Efficiency Dual 1V/1.2V Step-Down Converter with Inductor DCR Current Sensing
TYPICAL APPLICATIONS
SENSE1+
SENSE1–
SENSE2–
SENSE2+
VFB1
ITH1
SGND
EXTVCC
RUN1
RUN2
FREQ
SS2
VFB2
SS1
PLLIN/MODE
PGOOD1
PGOOD2
BG1
SW1
BOOST1
TG1
VIN
INTVCC
PGND
TG2
BG2
BOOST2
SW2
C1
0.1μF
RB1
28.7k
COUT1, COUT2: SANYO 2R5TPE220M
L1, L2: VISHAY IHL P2525CZERR47M06
MTOP1, MTOP2: RENESAS RJK0305
MBOT1, MBOT2: RENESAS RJK0328
CF1
56pF
CITH1A
200pF
CSS1
0.01μF
CSS2
0.01μF
CITH1
1000pF
CINT
4.7μF
CB1
0.47μF
CB2
0.47μF
D1
VIN
12V
D2
LTC3858-2
L1
0.47μH
L2
0.47μH
MBOT1
MTOP2
MTOP1
MBOT2
38582 TA06
100k
100k
RS1 1.18k
RS2
1.18k
INTVCC
COUT1
220μF
2
VOUT1
1V
8A
VOUT2
1.2V
8A
CIN
22μF
COUT2
220μF
2
RA1
115k
RA2
115k
RB2
57.6k
CF2
56pF
RFREQ
65k
RITH1
3.93k
C2
0.1μF
ITH2
CITH2
1000pF
CITH2A
220pF
RITH2
3.93k
CLKOUT
PHASMD
ILIM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com