Electronic Components Datasheet Search
  English  ▼

X  

LTC3891 Datasheet(PDF) 36 Page - Linear Technology

Part # LTC3891
Description  Low IQ, Dual 2-Phase Synchronous Step-Down Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3891 Datasheet(HTML) 36 Page - Linear Technology

Back Button LTC3891 Datasheet HTML 32Page - Linear Technology LTC3891 Datasheet HTML 33Page - Linear Technology LTC3891 Datasheet HTML 34Page - Linear Technology LTC3891 Datasheet HTML 35Page - Linear Technology LTC3891 Datasheet HTML 36Page - Linear Technology LTC3891 Datasheet HTML 37Page - Linear Technology LTC3891 Datasheet HTML 38Page - Linear Technology LTC3891 Datasheet HTML 39Page - Linear Technology LTC3891 Datasheet HTML 40Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 36 / 40 page
background image
LTC3858-2
36
38582f
High Efficiency Dual 24V/5V Step-Down Converter
TYPICAL APPLICATIONS
SENSE1+
SENSE1–
SENSE2–
SENSE2+
VFB1
ITH1
SGND
EXTVCC
VOUT2
RUN1
RUN2
FREQ
SS2
VFB2
SS1
PLLIN/MODE
PGOOD1
PGOOD2
BG1
SW1
BOOST1
TG1
VIN
INTVCC
PGND
TG2
BG2
BOOST2
SW2
C1
1nF
RB1
487k
COUT2: SANYO 10TPD150M
L1: SUMIDA CDRH105R-220M
L2: SUMIDA CDEP105-4R3M
MTOP1, MTOP2, MBOT1, MBOT2: VISHAY Si7848DP
CF1
18pF
CITH1A
100pF
CSS1
0.01μF
CSS2
0.01μF
CITH1
680pF
CINT
4.7μF
CB1
0.47μF
CB2
0.47μF
D1
VIN
28V TO 38V
D2
LTC3858-2
L1
22μH
L2
4.3μH
RSENSE1
25mΩ
RSENSE2
7mΩ
MBOT1
MTOP2
MTOP1
MBOT2
38582 TA04
100k
100k
INTVCC
COUT1
22μF
2
CERAMIC
VOUT1
24V
1A
VOUT2
5V
5A
CIN
22μF
COUT2
150μF
RA1
16.9k
RA2
75k
RB2
392k
CF2
15pF
RFREQ
60k
RITH1
46k
C2
1nF
ITH2
CITH2
680pF
CITH2A
100pF
RITH2
17k
ILIM
PHASMD
CLKOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com