Electronic Components Datasheet Search
  English  ▼

X  

LT1963 Datasheet(PDF) 10 Page - Linear Technology

Part # LT1963
Description  800mA Single Resistor Rugged Linear Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1963 Datasheet(HTML) 10 Page - Linear Technology

Back Button LT1963 Datasheet HTML 6Page - Linear Technology LT1963 Datasheet HTML 7Page - Linear Technology LT1963 Datasheet HTML 8Page - Linear Technology LT1963 Datasheet HTML 9Page - Linear Technology LT1963 Datasheet HTML 10Page - Linear Technology LT1963 Datasheet HTML 11Page - Linear Technology LT1963 Datasheet HTML 12Page - Linear Technology LT1963 Datasheet HTML 13Page - Linear Technology LT1963 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
LT3088
10
3088fb
For more information www.linear.com/LT3088
APPLICATIONS INFORMATION
Withthe50µAcurrentsourceusedtogeneratethereference
voltage, leakage paths to or from the SET pin can create
errors in the reference and output voltages. High quality
insulation should be used (e.g., Teflon, Kel-F); cleaning of
all insulating surfaces to remove fluxes and other residues
is required. Surface coating may be necessary to provide
a moisture barrier in high humidity environments.
Minimize board leakage by encircling the SET pin and
circuitry with a guard ring operated at a potential close
to itself. Tie the guard ring to the OUT pin. Guarding both
sidesofthecircuitboardisrequired.Bulkleakagereduction
depends on the guard ring width. 50nA of leakage into or
out of the SET pin and its associated circuitry creates a
0.1% reference voltage error. Leakages of this magnitude,
coupled with other sources of leakage, can cause signifi-
cant offset voltage and reference drift, especially over the
possible operating temperature range. Figure 2 depicts an
example guard ring layout.
If guard ring techniques are used, this bootstraps any
stray capacitance at the SET pin. Since the SET pin is
a high impedance node, unwanted signals may couple
into the SET pin and cause erratic behavior. This will
be most noticeable when operating with minimum
output capacitors at full load current. The easiest way
to remedy this is to bypass the SET pin with a small
amount of capacitance from SET to ground, 10pF to
20pF is sufficient.
Using the LT3088 as a Replacement for the LT1117
The LT3088 can be used as an upgrade or replacement
for the LT1117 regulator. The LT3088 offers superior
performance over the LT1117, including extended input
voltage range, lower output voltage capability, extended
safeoperatingarea,andprotectionfeaturessuchasreverse
voltage/currentprotection.Figure 3showshowtheLT1117
is used as a basic adjustable regulator. Two methods are
shown in Figures 4 and 5 to change from the LT1117 to
the LT3088. The first method (shown in Figure 4) requires
no changes to existing board layouts: replace the LT1117
with the LT3088, change resistor R2 to set the desired
output voltage, and do not stuff resistor R1 (the minimum
loadrequirementof 2mAforthe LT3088muststillbemet).
The second method is shown in Figure 5: a 25k resistor is
Figure 2. Guard Ring Layout Example of DD Package
3088 F02
OUT
GND
SET
Figure 3. LT1117 Basic Adjustable Regulator
Figure 4. Upgrade to LT1117 Requires No Layout Changes
Figure 5. Resistor in Series with SET Pin Matches
LT1117 Operation
3088 F03
R2
R1
VOUT
VIN
VREF
1.25V
IADJ
50µA
LT1117
IN
ADJ
OUT
VOUT = VREF 1 +
+ IADJ R2
R2
—
R1
( )
+
3088 F04
R2
R1*
VOUT
VIN
ISET
50µA
LT3088
IN
SET
OUT
VOUT = ISET • R2
*DO NOT STUFF R1
+
3088 F05
R2
R1
VOUT
VIN
1.25V
25k
ISET
50µA
LT3088
IN
SET
OUT
VOUT = 1.25V 1 +
+ ISET R2
R2
—
R1
( )
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com