Electronic Components Datasheet Search
  English  ▼

X  

LT1963 Datasheet(PDF) 20 Page - Linear Technology

Part # LT1963
Description  800mA Single Resistor Rugged Linear Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1963 Datasheet(HTML) 20 Page - Linear Technology

Back Button LT1963 Datasheet HTML 16Page - Linear Technology LT1963 Datasheet HTML 17Page - Linear Technology LT1963 Datasheet HTML 18Page - Linear Technology LT1963 Datasheet HTML 19Page - Linear Technology LT1963 Datasheet HTML 20Page - Linear Technology LT1963 Datasheet HTML 21Page - Linear Technology LT1963 Datasheet HTML 22Page - Linear Technology LT1963 Datasheet HTML 23Page - Linear Technology LT1963 Datasheet HTML 24Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
LT3088
20
3088fb
For more information www.linear.com/LT3088
APPLICATIONS INFORMATION
Protection Features
The LT3088 incorporates several protection features ideal
for harsh industrial and automotive environments, among
otherapplications.Inadditiontonormalmonolithicregula-
torprotectionfeaturessuchascurrentlimitingandthermal
limiting, the LT3088 protects itself against reverse-input
voltages, reverse-output voltages, and large OUT-to-SET
pin voltages.
Current limit protection and thermal overload protection
protect the IC against output current overload conditions.
For normal operation, do not exceed the rated absolute
maximum junction temperature. The thermal shutdown
circuit’s temperature threshold is typically 165°C and
incorporates about 5°C of hysteresis.
TheLT3088’sINpinwithstands±40Vvoltageswithrespect
to the OUT and SET pins. Reverse current flow, if OUT is
greater than IN, is less than 1mA (typically under 100µA),
protecting the LT3088 and sensitive loads.
Clamping diodes and 400Ω limiting resistors protect the
LT3088’s SET pin relative to the OUT pin voltage. These
protection components typically only carry current under
transient overload conditions. These devices are sized to
handle ±10V differential voltages and ±25mA crosspin
current flow without damage. Relative to these applica-
tion concerns, note the following two scenarios. The first
scenario employs a noise-reducing SET pin bypass ca-
pacitor while OUT is instantaneously shorted to GND. The
second scenario follows improper shutdown techniques
in which the SET pin is reset to GND quickly while OUT
is held up by a large output capacitance with light load.
During normal operation, keep OUT-to-SET differential
voltages below 2V.
IN
SET
RSET
30.1k
10m
OUT
+
–
LT3088
ISET
50µA
VOUT
3V
1.6A
VIN
IN
SET
10m
OUT
+
–
LT3088
ISET
50µA
3088 TA02
8.2*
3.3VOUT
2.3A
*4mV DROP ENSURES LT3088 IS OFF WITH NO LOAD
MULTIPLE LT3088s CAN BE USED
IN
SET
20m
5V
OUT
+
–
LT3088
ISET
50µA
3088 TA03
6.2k
10µF
LT1963-3.3
47µF
20m
TYPICAL APPLICATIONS
Paralleling Regulators
Boosting Fixed Output Regulators



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com