Electronic Components Datasheet Search
  English  ▼

X  

LT1963 Datasheet(PDF) 26 Page - Linear Technology

Part # LT1963
Description  800mA Single Resistor Rugged Linear Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1963 Datasheet(HTML) 26 Page - Linear Technology

Back Button LT1963 Datasheet HTML 18Page - Linear Technology LT1963 Datasheet HTML 19Page - Linear Technology LT1963 Datasheet HTML 20Page - Linear Technology LT1963 Datasheet HTML 21Page - Linear Technology LT1963 Datasheet HTML 22Page - Linear Technology LT1963 Datasheet HTML 23Page - Linear Technology LT1963 Datasheet HTML 24Page - Linear Technology LT1963 Datasheet HTML 25Page - Linear Technology LT1963 Datasheet HTML 26Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 26 / 26 page
background image
LT3088
26
3088fb
For more information www.linear.com/LT3088
LINEAR TECHNOLOGY CORPORATION 2015
LT 1015 REV B • PRINTED IN USA
LinearTechnology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900 ● FAX: (408) 434-0507 ● www.linear.com/LT3088
RELATED PARTS
TYPICAL APPLICATION
High Efficiency Adjustable Supply
PART NUMBER DESCRIPTION
COMMENTS
LT1185
3A Negative Low Dropout Regulator VIN: –4.5V to –35V, 0.8V Dropout Voltage, DD-Pak and TO-220 Packages
LT1764/
LT1764A
3A, Fast Transient Response,
Low Noise LDO
340mV Dropout Voltage, Low Noise: 40µVRMS, VIN = 2.7V to 20V, TO-220, TSSOP and DD-Pak,
LT1764A Version Stable Also with Ceramic Capacitors
LT1963/
LT1963A
1.5A Low Noise, Fast Transient
Response LDO
340mV Dropout Voltage, Low Noise: 40µVRMS, VIN = 2.5V to 20V, LT1963A Version Stable with
Ceramic Capacitors, TO-220, DD, TSSOP, SOT-223 and SO-8 Packages
LT1965
1.1A, Low Noise, Low Dropout
Linear Regulator
290mV Dropout Voltage, Low Noise: 40µVRMS, VIN: 1.8V to 20V, VOUT: 1.2V to 19.5V, Stable with
Ceramic Capacitors, TO-220, DD-Pak, MSOP and 3mm × 3mm DFN Packages
LT3022
1A, Low Voltage, VLDO Linear
Regulator
VIN: 0.9V to 10V, Dropout Voltage: 145mV Typical, Adjustable Output (VREF = VOUT(MIN) = 200mV),
Stable with Low ESR, Ceramic Output Capacitors, 16-Pin DFN (5mm × 3mm) and 16-Lead
MSOP Packages
LT3070
5A, Low Noise, Programmable
VOUT, 85mV Dropout Linear
Regulator with Digital Margining
Dropout Voltage: 85mV, Digitally Programmable VOUT: 0.8V to 1.8V, Digital Output Margining: ±1%,
±3% or ±5%, Low Output Noise: 25µVRMS (10Hz to 100kHz), Parallelable: Use Two for a 10A Output,
Stable with Low ESR Ceramic Output Capacitors (15µF Minimum), 28-Lead 4mm × 5mm QFN Package
LT3071
5A, Low Noise, Programmable
VOUT, 85mV Dropout Linear
Regulator with Analog Margining
Dropout Voltage: 85mV, Digitally Programmable VOUT: 0.8V to 1.8V, Analog Margining: ±10%,
Low Output Noise: 25µVRMS (10Hz to 100kHz), Parallelable: Use Two for a 10A Output, IMON Output
Current Monitor, Stable with Low ESR Ceramic Output Capacitors (15µF Minimum) 28-Lead
4mm × 5mm QFN Package
LT3080/
LT3080-1
1.1A, Parallelable, Low Noise,
Low Dropout Linear Regulator
300mV Dropout Voltage (2-Supply Operation), Low Noise: 40µVRMS, VIN: 1.2V to 36V, VOUT: 0V to 35.7V,
Current-Based Reference with 1-Resistor VOUT Set; Directly Parallelable (No Op Amp Required),
Stable with Ceramic Capacitors, TO-220, DD-Pak, SOT-223, MS8E and 3mm × 3mm DFN-8 Packages;
LT3080-1 Version Has Integrated Internal Ballast Resistor
LT3082
200mA, Parallelable, Single
Resistor, Low Dropout Linear
Regulator
Outputs May Be Paralleled for Higher Output, Current or Heat Spreading, Wide Input Voltage
Range: 1.2V to 40V Low Value Input/Output Capacitors Required: 2.2µF, Single Resistor Sets Output
Voltage 8-Lead SOT-23, 3-Lead SOT-223 and 8-Lead 3mm × 3mm DFN Packages
LT3085
500mA, Parallelable, Low Noise,
Low Dropout Linear Regulator
275mV Dropout Voltage (2-Supply Operation), Low Noise: 40µVRMS, VIN: 1.2V to 36V,
VOUT: 0V to 35.7V, Current-Based Reference with 1-Resistor VOUT Set; Directly Parallelable
(No Op Amp Required), Stable with Ceramic Capacitors, MS8E and 2mm × 3mm DFN-6 Packages
LT3092
200mA 2-Terminal Programmable
Current Source
Programmable 2-Terminal Current Source, Maximum Output Current = 200mA, Wide Input Voltage
Range: 1.2V to 40V, Resistor Ratio Sets Output Current, Initial Set Pin Current Accuracy = 1%, Current
Limit and Thermal Shutdown Protection, Reverse-Voltage Protection, Reverse-Current Protection,
8-Lead SOT-23, 3-Lead SOT-223 and 8-Lead 3mm × 3mm DFN Packages.
LT3083
Adjustable 3A Single Resistor
Low Dropout Regulator
Low Noise: 40µVRMS, 50µA Set Pin Current, Output Adjustable to 0V, Wide Input Voltage Range: 1.2V to 23V
(DD-Pak and TO-220), Low Dropout Operation: 310mV (2 Supplies)
RUN/SS
0.47µF
47µF
1µF
1µF
1000pF
VIN
6.3V TO
36V
6.8µH
VIN
BD
LT3680
15k
590k
1k
10k
3088 TA08
2N3904
MTD2955
CMDSH-4E
MBRA340T3
GND
BOOST
IN
OUT
VC
SW
FB
63.4k
RT
PG
SYNC
15k
LT3088
500k
22µF
6V
VOUT
0V TO
25V,
800mA
SET
0.1µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com