Electronic Components Datasheet Search
  English  ▼

X  

LT1963 Datasheet(PDF) 18 Page - Linear Technology

Part # LT1963
Description  800mA Single Resistor Rugged Linear Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1963 Datasheet(HTML) 18 Page - Linear Technology

Back Button LT1963 Datasheet HTML 14Page - Linear Technology LT1963 Datasheet HTML 15Page - Linear Technology LT1963 Datasheet HTML 16Page - Linear Technology LT1963 Datasheet HTML 17Page - Linear Technology LT1963 Datasheet HTML 18Page - Linear Technology LT1963 Datasheet HTML 19Page - Linear Technology LT1963 Datasheet HTML 20Page - Linear Technology LT1963 Datasheet HTML 21Page - Linear Technology LT1963 Datasheet HTML 22Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
LT3088
18
3088fb
For more information www.linear.com/LT3088
level performance as found in these tables. Demo circuit
DC2279A’s board layout using multiple inner VOUT planes
and multiple thermal vias achieves 18°C/W performance
for the DD package.
Calculating Junction Temperature
Example: Given an output voltage of 0.9V, an IN voltage
of 2.5V ±5%, output current range from 10mA to 0.5A
and a maximum ambient temperature of 50°C, what is
the maximum junction temperature for the DD-Pak on a
2500mm2 board with topside copper of 1000mm2?
The power in the circuit equals:
PTOTAL = (VIN – VOUT)(IOUT)
The current delivered to the SET pin is negligible and can
be ignored.
VIN(MAX_CONTINUOUS) = 2.625V (2.5V + 5%)
VOUT = 0.9V, IOUT = 0.5A, TA = 50°C
Power dissipation under these conditions equals:
PTOTAL = (VIN – VOUT)(IOUT)
PTOTAL = (2.625V – 0.9V)(0.5A) = 0.87W
Junction Temperature equals:
TJ = TA + PTOTAL • θJA (using tables)
TJ = 50°C + 0.87W • 14°C/W = 62°C
In this case, the junction temperature is below the maxi-
mum rating, ensuring reliable operation.
Reducing Power Dissipation
In some applications it may be necessary to reduce the
powerdissipationintheLT3088packagewithoutsacrificing
outputcurrentcapability.Twotechniquesareavailable.The
first technique, illustrated in Figure 14, employs a resis-
tor in series with the regulator’s input. The voltage drop
across RS decreases the LT3088’s IN-to-OUT differential
voltage and correspondingly decreases the LT3088’s
power dissipation.
As an example, assume: VIN = 7V, VOUT = 3.3V and
IOUT(MAX) = 0.8A. Use the formulas from the Calculating
Junction Temperature section previously discussed.
Without series resistor RS, power dissipation in the
LT3088 equals:
PTOTAL = (7V – 3.3V) • 0.8A = 2.96W
If the voltage differential (VDIFF) across the LT3088 is
chosen as 1.5V, then RS equals:
RS =
7V – 3.3V – 1.5V
0.8A
= 2.75Ω
Power dissipation in the LT3088 now equals:
PTOTAL = 1.5V • 0.8A = 1.2W
TheLT3088’spowerdissipationisnowonly40%compared
tonoseriesresistor.RSdissipates1.75Wofpower.Choose
appropriate wattage resistors or use multiple resistors in
parallel to handle and dissipate the power properly.
APPLICATIONS INFORMATION
Figure 14. Reducing Power Dissipation Using a Series Resistor
3088 F14
IN
VIN′
SET
OUT
+
–
LT3088
50µA
RSET
RS
VOUT
VIN
C2
C1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com