Electronic Components Datasheet Search
  English  ▼

X  

LT3085 Datasheet(PDF) 17 Page - Linear Technology

Part # LT3085
Description  20V, 500mA, Ultralow Noise, Ultrahigh PSRR Linear Regulator with VIOC Control
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3085 Datasheet(HTML) 17 Page - Linear Technology

Back Button LT3085 Datasheet HTML 13Page - Linear Technology LT3085 Datasheet HTML 14Page - Linear Technology LT3085 Datasheet HTML 15Page - Linear Technology LT3085 Datasheet HTML 16Page - Linear Technology LT3085 Datasheet HTML 17Page - Linear Technology LT3085 Datasheet HTML 18Page - Linear Technology LT3085 Datasheet HTML 19Page - Linear Technology LT3085 Datasheet HTML 20Page - Linear Technology LT3085 Datasheet HTML 21Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 36 page
background image
LT3045-1
17
30451fa
For more information www.linear.com/LT3045-1
APPLICATIONS INFORMATION
Minimize board leakage by encircling the SET pin with a
guard ring operated at a potential close to itself — ideally
tied to the OUT pin. Guarding both sides of the circuit
board is recommended. Bulk leakage reduction depends
on the guard ring width. Leakages of 100nA into or out of
the SET pin creates a 0.1% error in the reference voltage.
Leakages of this magnitude, coupled with other sources
of leakage, can cause significant errors in the output volt-
age, especially over wide operating temperature range.
Figure 2 illustrates a typical guard ring layout technique.
Figure 2. DFN Guard Ring Layout
Figure 3, minimize the effects of PCB trace and solder
inductance by tying the OUTS pin directly to COUT and
the GND side of CSET directly to the GND side of COUT,
as well as keep the GND sides of CIN and COUT reasonably
close. Refer to the LT3045-1 demo board manual for more
information on the recommended layout that meets these
requirements. While the LT3045-1 is robust enough not
to oscillate if the recommended layout is not followed,
depending on the actual layout, phase/gain margin, noise
and PSRR performance may degrade.
Stability and Output Capacitance
The LT3045-1 requires an output capacitor for stability.
Given its high bandwidth, LTC recommends low ESR and
ESL ceramic capacitors. A minimum 10µF output capaci-
tance with an ESR below 20mΩ and an ESL below 2nH is
required for stability.
Given the high PSRR and low noise performance attained
using a single 10µF ceramic output capacitor, larger values
of output capacitor only marginally improves the perfor-
mance because the regulator bandwidth decreases with
increasing output capacitance — hence, there is little to
be gained by using larger than the minimum 10µF output
capacitor.Nonetheless,largervaluesofoutputcapacitance
dodecreasepeakoutputdeviationsduringaloadtransient.
Note that bypass capacitors used to decouple individual
components powered by the LT3045-1 increase the ef-
fective output capacitance.
Figure 3. COUT and CSET Connections for Best Performance
30451 F02
OUT
SET
12
11
8
9
10
4
5
3
2
1
6
7
13
Since the SET pin is a high impedance node, unwanted
signals may couple into the SET pin and cause erratic
behavior. This is most noticeable when operating with a
minimum output capacitor at heavy load currents. By-
passing the SET pin with a small capacitance to ground
resolves this issue — 10nF is sufficient.
For applications requiring higher accuracy or an adjust-
able output voltage, the SET pin may be actively driven
by an external voltage source capable of sinking 100µA.
Connecting a precision voltage reference to the SET pin
eliminates any errors present in the output voltage due
to the reference current and SET pin resistor tolerances.
Output Sensing and Stability
The LT3045-1’s OUTS pin provides a Kelvin sense con-
nection to the output. The SET pin resistor’s GND side
provides a Kelvin sense connection to the load’s GND side.
Additionally, for ultrahigh PSRR, the LT3045-1 bandwidth
is made quite high (~1MHz), making it very close to a
typical 10µF (1206 case size) ceramic output capacitor’s
self-resonance frequency (~1.6MHz). Therefore, it is very
important to avoid adding extra impedance (ESR and
ESL) outside the feedback loop. To that end, as shown in
COUT
RSET
CSET
CIN
OUT
IN
SET
VIOC
LT3045-1
DEMO BOARD
PCB LAYOUT
ILLUSTRATES
4-TERMINAL
CONNECTION
TO COUT
100µA
OUTS
PG
ILIM
30451 F03
GND
PGFB
EN/UV
VOUT
IOUT(MAX): 500mA
VIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com