Electronic Components Datasheet Search
  English  ▼

X  

LT3085 Datasheet(PDF) 32 Page - Linear Technology

Part # LT3085
Description  20V, 500mA, Ultralow Noise, Ultrahigh PSRR Linear Regulator with VIOC Control
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3085 Datasheet(HTML) 32 Page - Linear Technology

Back Button LT3085 Datasheet HTML 28Page - Linear Technology LT3085 Datasheet HTML 29Page - Linear Technology LT3085 Datasheet HTML 30Page - Linear Technology LT3085 Datasheet HTML 31Page - Linear Technology LT3085 Datasheet HTML 32Page - Linear Technology LT3085 Datasheet HTML 33Page - Linear Technology LT3085 Datasheet HTML 34Page - Linear Technology LT3085 Datasheet HTML 35Page - Linear Technology LT3085 Datasheet HTML 36Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 32 / 36 page
background image
LT3045-1
32
30451fa
For more information www.linear.com/LT3045-1
TYPICAL APPLICATIONS
Low Noise Wheatstone Bridge Power Supply
10µF
33.2k
4.7µF
200k
453k
49.9k
4.7µF
R2
R1
R3
+
–
R4
VIN
5V ±5%
OUT
IN
SET
LT3045-1
30451 TA10
VOUT: 3.3V AND IOUT(MAX): 500mA
100µA
OUTS
PGFB
ILIM
GND
PG
EN/UV
RESISTOR
TOLERANCE
BRIDGE PSRR NOISE AT VBRIDGE
USING LT1763
1%
5%
40dB
26dB
8nVRMS
42.5nVRMS
PERFECT
MATCHING
INFINITE
–
NOISE AT VBRIDGE
USING LT3045-1
200nVRMS
1000nVRMS
–
LT1763 NOISE: 20µVRMS (10Hz TO 100kHz)
LT3045-1 NOISE: 0.8µVRMS (10Hz TO 100kHz)
VBRIDGE
VIOC
PGFB Disabled without Reverse Input Protection
PGFB Disabled with Reverse Input Protection
RSET
10µF
0.47µF
4.7µF
VIN
OUT
IN
SET
LT3045-1
VOUT
100µA
OUTS
ILIM
GND
30451 TA11
PGFB
PG
EN/UV
VIOC
0.47µF
10µF
1N4148
4.7µF
RSET
VIN
OUT
IN
SET
VOUT
100µA
OUTS
PGFB
ILIM
GND
PG
EN/UV
30451 TA12
LT3045-1
VIOC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com