Electronic Components Datasheet Search
  English  ▼

X  

LT3085 Datasheet(PDF) 27 Page - Linear Technology

Part # LT3085
Description  20V, 500mA, Ultralow Noise, Ultrahigh PSRR Linear Regulator with VIOC Control
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3085 Datasheet(HTML) 27 Page - Linear Technology

Back Button LT3085 Datasheet HTML 23Page - Linear Technology LT3085 Datasheet HTML 24Page - Linear Technology LT3085 Datasheet HTML 25Page - Linear Technology LT3085 Datasheet HTML 26Page - Linear Technology LT3085 Datasheet HTML 27Page - Linear Technology LT3085 Datasheet HTML 28Page - Linear Technology LT3085 Datasheet HTML 29Page - Linear Technology LT3085 Datasheet HTML 30Page - Linear Technology LT3085 Datasheet HTML 31Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 36 page
background image
LT3045-1
27
30451fa
For more information www.linear.com/LT3045-1
APPLICATIONS INFORMATION
The maximum junction temperature equals the maxi-
mum ambient temperature plus the maximum junction
temperature rise above ambient:
TJMAX = 85°C + 35°C = 120°C
Overload Recovery
LikemanyICpowerregulators,theLT3045-1incorporates
safe-operating-area(SOA)protection.TheSOAprotection
activates at input-to-output differential voltages greater
than 12V. The SOA protection decreases the current limit
as the input-to-output differential increases and keeps
the power transistor inside a safe operating region for all
values of input-to-output voltages up to the LT3045-1’s
absolute maximum ratings. The LT3045-1 provides some
level of output current for all values of input-to-output dif-
ferentials. Refer to the Current Limit curves in the Typical
Performance Characteristics section. When power is first
appliedandinputvoltagerises,theoutputfollowstheinput
and keeps the input-to-output differential low to allow the
regulator to supply large output current and start-up into
high current loads.
Due to current limit foldback, however, at high input volt-
ages a problem can occur if the output voltage is low and
the load current is high. Such situations occur after the
removal of a short-circuit or if the EN/UV pin is pulled high
after the input voltage has already turned ON. The load
line in such cases intersects the output current profile at
two points. The regulator now has two stable operating
points. With this double intersection, the input power
supply may need to be cycled down to zero and brought
back up again to make the output recover. Other linear
regulators with foldback current limit protection (such as
the LT1965 and LT1963A) also exhibit this phenomenon,
so it is not unique to the LT3045-1.
Protection Features
The LT3045-1 incorporates several protection features for
battery-powered applications. Precision current limit and
thermal overload protection protect the LT3045-1 against
overload and fault conditions at the device’s output. For
normal operation, do not allow the junction temperature
to exceed 125°C (E-grade, I-grade).
To protect the LT3045-1’s low noise error amplifier, the
SET-to-OUTSprotectionclamplimitsthemaximumvoltage
between SET and OUTS with a maximum DC current of
20mA through the clamp. So for applications where SET
is actively driven by a voltage source, the voltage source
must be current limited to 20mA or less. Moreover, to limit
the transient current flowing through these clamps during
a transient fault condition, limit the maximum value of the
SET pin capacitor (CSET) to 22µF.
The LT3045-1 also incorporates reverse input protection
whereby the IN pin withstands reverse voltages of up to
–20V without causing any input current flow and without
developing negative voltages at the OUT pin. The regulator
protects both itself and the load against batteries that are
plugged-in backwards.
In circuits where a backup battery is required, several
different input/output conditions can occur. The output
voltage may be held up while the input is either pulled to
GND, pulled to some intermediate voltage, or left open-
circuit. In all of these cases, the reverse-current protection
circuitry prevents current flow from output to the input.
Nonetheless, due to the OUTS-to-SET clamp, unless the
SET pin is floating, current can flow to GND through the
SET pin resistor as well as up to 15mA to GND through
the output overshoot recovery circuitry. This current flow
through the output overshoot recovery circuitry can be
significantly reduced by placing a Schottky diode between
OUTS and SET pins, with its anode at the OUTS pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com