Electronic Components Datasheet Search
  English  ▼

X  

LT3085 Datasheet(PDF) 23 Page - Linear Technology

Part # LT3085
Description  20V, 500mA, Ultralow Noise, Ultrahigh PSRR Linear Regulator with VIOC Control
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3085 Datasheet(HTML) 23 Page - Linear Technology

Back Button LT3085 Datasheet HTML 19Page - Linear Technology LT3085 Datasheet HTML 20Page - Linear Technology LT3085 Datasheet HTML 21Page - Linear Technology LT3085 Datasheet HTML 22Page - Linear Technology LT3085 Datasheet HTML 23Page - Linear Technology LT3085 Datasheet HTML 24Page - Linear Technology LT3085 Datasheet HTML 25Page - Linear Technology LT3085 Datasheet HTML 26Page - Linear Technology LT3085 Datasheet HTML 27Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 36 page
background image
LT3045-1
23
30451fa
For more information www.linear.com/LT3045-1
High Efficiency Linear Regulator: Voltage Input-to-
Output Control (VIOC)
The VIOC pin is used to control an upstream switching
converter (e.g. buck, boost, buck-boost, etc) to maintain
a constant voltage across the LT3045-1, regardless of
the LDO’s output voltage. This maximizes efficiency
while maintaining PSRR performance. The VIOC pin is
the output of a fast unity-gain amplifier that measures
the difference between IN and OUT or 1.5V, whichever is
higher. As shown in Figure 9, the VIOC feature is simple
to use. Just tie the VIOC pin to the upstream switching
converter’s feedback (FB) pin, and this will regulate the
LT3045-1’s input-to-output differential to the switching
converter’s feedback voltage. When paralleling multiple
LT3045-1s, tie the VIOC pin of one of the LT3045-1 to the
upstream switching converter’s feedback pin and float the
remaining VIOC pins.
While the VIOC buffer is inside the switching converter’s
feedback loop, given the VIOC buffer’s high bandwidth,
theswitchingconverter’sfrequencycompensationdoesn’t
need to be adjusted. Phase delay through the VIOC buffer
is typically less than 2° for frequencies as high as 100kHz;
hence,withintheswitchingconverter’sbandwidth(usually
much less than 100kHz), the VIOC buffer will be transpar-
ent and just act like an ideal wire.
For example, for a switching converter with less than
100kHz bandwidth and a phase margin of 50°, using the
VIOC buffer, the phase margin will degrade by at most 2°.
Hence,thephasemarginfortheswitchingconverter(using
the VIOC pin) will be at least 48°. Given the VIOC buffer is
inside the switching converter’s feedback loop, the total
capacitance on the VIOC pin is required to be below 20pF.
As shown in Figure  10, the input-to-output differential
voltage is easily programmable to support different ap-
APPLICATIONS INFORMATION
Figure 9. VIOC Basic Operation
LT3045-1
VLDOOUT: VARIABLE
IOUT(MAX): 500mA
30451 F09
+
–
IN
EN/UV
PGFB
GND
OUT
VIOC
ILIM
PG
10µF
VIN
SET
OUTS
R1
UPSTREAM
DC/DC
CONVERTER
SW
IN
FB
0.47µF
1×
VLDOIN
VFBSWITCHER
Figure 10. Programming Input-to-Output Differential
LT3045-1
VOUT: VARIABLE
IOUT(MAX): 500mA
30451 F10
+
–
IN
EN/UV
PGFB
GND
OUT
VIOC
ILIM
PG
10µF
VIN
SET
OUTS
R3
R1
R2
UPSTREAM
DC/DC
CONVERTER
SW
IN
FB
0.47µF
1×



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com