Electronic Components Datasheet Search
  English  ▼

X  

LT1963 Datasheet(PDF) 10 Page - Linear Technology

Part # LT1963
Description  800mA Single Resistor Rugged Linear Regulator with Monitors
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1963 Datasheet(HTML) 10 Page - Linear Technology

Back Button LT1963 Datasheet HTML 6Page - Linear Technology LT1963 Datasheet HTML 7Page - Linear Technology LT1963 Datasheet HTML 8Page - Linear Technology LT1963 Datasheet HTML 9Page - Linear Technology LT1963 Datasheet HTML 10Page - Linear Technology LT1963 Datasheet HTML 11Page - Linear Technology LT1963 Datasheet HTML 12Page - Linear Technology LT1963 Datasheet HTML 13Page - Linear Technology LT1963 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
LT3089
10
3089f
For more information www.linear.com/LT3089
APPLICATIONS INFORMATION
Introduction
The LT3089 regulator is easy to use and has all the pro-
tection features expected in high performance regulators.
Includedareshort-circuitprotection,reverse-inputprotec-
tion and safe operating area protection, as well as thermal
shutdown with hysteresis. Safe operating area (SOA) for
the LT3089 is extended, allowing for use in harsh indus-
trial and automotive environments where sudden spikes
in input voltage lead to high power dissipation.
The LT3089 fits well in applications needing multiple rails.
This new architecture adjusts down to zero with a single
resistor, handling modern low voltage digital ICs as well
as allowing easy parallel operation and thermal manage-
ment without heat sinks. Adjusting to zero output allows
shutting off the powered circuitry.
Aprecision“0”TC50μAreferencecurrentsourceconnects
to the noninverting input of a power operational amplifier.
Thepoweroperationalamplifierprovidesalowimpedance
buffered output to the voltage on the noninverting input.
A single resistor from the noninverting input to ground
sets the output voltage. If this resistor is set to 0Ω, zero
output voltage results. Therefore, any output voltage can
be obtained between zero and the maximum defined by
the input power supply is obtainable.
The benefit of using a true internal current source as the
reference, as opposed to a bootstrapped reference in older
regulators, is not so obvious in this architecture. A true
reference current source allows the regulator to have gain
and frequency response independent of the impedance on
the positive input. On older adjustable regulators, such as
the LT1086 loop gain changes with output voltage and
bandwidth changes if the adjustment pin is bypassed to
ground. For the LT3089, the loop gain is unchanged with
output voltage changes or bypassing. Output regulation
is not a fixed percentage of output voltage, but is a fixed
fraction of millivolts. Use of a true current source allows
all of the gain in the buffer amplifier to provide regulation,
and none of that gain is needed to amplify up the reference
to a higher output voltage.
The LT3089 has many additional features that facilitate
monitoring and control. Current limit is externally pro-
grammable via a single resistor between the ILIM pin and
OUT. Shorting this resistor out disables all output current
to the load, only bias currents remain.
The IMON pin produces a current output proportional to
load current. For every 100mA of load current, the IMON
pin sources 20µA of current. This can be sensed using an
external resistor to monitor load requirements and detect
potentialfaults.TheIMONpincanoperateatvoltagesabove
OUT, so it operates even during a short-circuit condition.
One additional monitoring function is the TEMP pin, a cur-
rentsourcethatisproportionaltoaveragedietemperature.
For die temperatures above 0°C, the TEMP pin sources a
current equal to 1µA/°C. This pin operates normally during
output short-circuit conditions.
Programming Linear Regulator Output Voltage
The LT3089 generates a 50μA reference current that flows
out of the SET pin. Connecting a resistor from SET to
ground generates a voltage that becomes the reference
point for the error amplifier (see Figure 1). The reference
voltage equals 50µA multiplied by the value of the SET
pin resistor. Any voltage can be generated and there is
no minimum output voltage for the regulator.
3089 F01
IN
SET
OUT
+
–
LT3089
50µA
RLOAD
CSET
RSET
CIN
VOUT = 50µA • RSET
COUT
Figure 1. Basic Adjustable Regulator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com