Electronic Components Datasheet Search
  English  ▼

X  

LT1963 Datasheet(PDF) 4 Page - Linear Technology

Part # LT1963
Description  800mA Single Resistor Rugged Linear Regulator with Monitors
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1963 Datasheet(HTML) 4 Page - Linear Technology

  LT1963 Datasheet HTML 1Page - Linear Technology LT1963 Datasheet HTML 2Page - Linear Technology LT1963 Datasheet HTML 3Page - Linear Technology LT1963 Datasheet HTML 4Page - Linear Technology LT1963 Datasheet HTML 5Page - Linear Technology LT1963 Datasheet HTML 6Page - Linear Technology LT1963 Datasheet HTML 7Page - Linear Technology LT1963 Datasheet HTML 8Page - Linear Technology LT1963 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
LT3089
4
3089f
For more information www.linear.com/LT3089
TYPICAL PERFORMANCE CHARACTERISTICS
Offset Voltage
Offset Voltage (VOUT – VSET)
Offset Voltage (VOUT – VSET)
Load Regulation
Minimum Load Current
Dropout Voltage
SET Pin Current
SET Pin Current
TJ = 25°C unless otherwise specified.
Offset Voltage (VOUT – VSET)
ILOAD = 3mA
TEMPERATURE (°C)
–75 –50 –25 0 25 50 75 100 125 150 175
49.5
49.6
49.7
49.8
49.9
50.0
50.1
50.2
50.3
50.4
50.5
3089 G01
ILOAD = 3mA
TEMPERATURE (°C)
–75 –50 –25 0 25 50 75 100 125 150 175
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0
OUT
SET
3089 G03
ILOAD = 3mA
INPUT–TO–OUTPUT DIFFERENTIAL (V)
0
6
12
18
24
30
36
–1.0
–0.8
–0.6
–0.4
–0.2
0.0
0.2
0.4
0.6
0.8
1.0
OUT
SET
3089 G05
TJ = 25°C
TJ = 125°C
LOAD CURRENT (A)
0
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8
–1.6
–1.2
–0.8
–0.4
0.0
0.4
OUT
SET
3089 G06
∆ILOAD = 3mA to 800mA
TEMPERATURE (°C)
–75 –50 –25 0 25 50 75 100 125 150 175
–3.0
–2.5
–2.0
–1.5
–1.0
–0.5
0
–150
–125
–100
–75
–50
–25
0
3089 G07
VIN – VOUT = 36V
VIN – VOUT = 2V
TEMPERATURE (°C)
–75 –50 –25 0 25 50 75 100 125 150 175
0
0.25
0.50
0.75
1.00
1.25
1.50
Minimum Load Current
3089 G08
TJ = –50°C
TJ = 25°C
TJ = 125°C
LOAD CURRENT (A)
0
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
3089 G09
N = 1297
SET PIN CURRENT DISTRIBUTION (µA)
49
49.5
50
50.5
51
SET Pin Current
3089 G02
N = 1297
VOS DISTRIBUTION (mV)
–2
–1
0
1
2
3089 G04



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com