Electronic Components Datasheet Search
  English  ▼

X  

LT1963 Datasheet(PDF) 28 Page - Linear Technology

Part # LT1963
Description  800mA Single Resistor Rugged Linear Regulator with Monitors
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1963 Datasheet(HTML) 28 Page - Linear Technology

Back Button LT1963 Datasheet HTML 20Page - Linear Technology LT1963 Datasheet HTML 21Page - Linear Technology LT1963 Datasheet HTML 22Page - Linear Technology LT1963 Datasheet HTML 23Page - Linear Technology LT1963 Datasheet HTML 24Page - Linear Technology LT1963 Datasheet HTML 25Page - Linear Technology LT1963 Datasheet HTML 26Page - Linear Technology LT1963 Datasheet HTML 27Page - Linear Technology LT1963 Datasheet HTML 28Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 28 / 28 page
background image
LT3089
28
3089f
For more information www.linear.com/LT3089
LINEAR TECHNOLOGY CORPORATION 2016
LT 0116 • PRINTED IN USA
LinearTechnology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900 ● FAX: (408) 434-0507 ● www.linear.com/LT3089
RELATED PARTS
TYPICAL APPLICATION
High Efficiency Adjustable Supply
PART NUMBER DESCRIPTION
COMMENTS
LT1764/
LT1764A
3A, Fast Transient Response,
Low Noise LDO
340mV Dropout Voltage, Low Noise: 40µVRMS, VIN = 2.7V to 20V, TO-220, TSSOP and DD-Pak,
LT1764A Version Stable Also with Ceramic Capacitors
LT1963/
LT1963A
1.5A Low Noise, Fast Transient
Response LDO
340mV Dropout Voltage, Low Noise: 40µVRMS, VIN = 2.5V to 20V, LT1963A Version Stable with
Ceramic Capacitors, TO-220, DD, TSSOP, SOT-223 and SO-8 Packages
LT1965
1.1A, Low Noise, Low Dropout
Linear Regulator
290mV Dropout Voltage, Low Noise: 40µVRMS, VIN: 1.8V to 20V, VOUT: 1.2V to 19.5V, Stable with
Ceramic Capacitors, TO-220, DD-Pak, MSOP and 3mm × 3mm DFN Packages
LT3022
1A, Low Voltage, VLDO Linear
Regulator
VIN: 0.9V to 10V, Dropout Voltage: 145mV Typical, Adjustable Output (VREF = VOUT(MIN) = 200mV),
Stable with Low ESR, Ceramic Output Capacitors, 16-Pin DFN (5mm × 3mm) and 16-Lead
MSOP Packages
LT3070/
LT3071
5A, Low Noise, Programmable
VOUT, 85mV Dropout Linear
Regulator with Digital Margining
Dropout Voltage: 85mV, Digitally Programmable VOUT: 0.8V to 1.8V, Digital Output Margining: ±1%,
±3% or ±5%, Low Output Noise: 25µVRMS (10Hz to 100kHz), Parallelable: Use Two for a 10A Output,
Stable with Low ESR Ceramic Output Capacitors (15µF Minimum), 28-Lead 4mm × 5mm QFN Package.
LT3071Has Analog Margining.
LT3080/
LT3080-1
1.1A, Parallelable, Low Noise,
Low Dropout Linear Regulator
300mV Dropout Voltage (2-Supply Operation), Low Noise: 40µVRMS, VIN: 1.2V to 36V, VOUT: 0V to 35.7V,
Current-Based Reference with 1-Resistor VOUT Set; Directly Parallelable (No Op Amp Required),
Stable with Ceramic Capacitors, TO-220, DD-Pak, SOT-223, MS8E and 3mm × 3mm DFN-8 Packages;
LT3080-1 Version Has Integrated Internal Ballast Resistor
LT3081
1.5A Single Resistor Rugged
Linear Regulator with Monitors
Extended Safe Operating Area (SOA). Output Current: 1.5A Stable with/without Input/Output
Capacitors. VIN Range: 1.2V to 36V. 50μA Set Pin Current: TSSOP-16, TO-220, DD-Pak, 4mm x 4mm
DFN-12 Packages.
LT3082
200mA, Parallelable, Single
Resistor, Low Dropout Linear
Regulator
Outputs May Be Paralleled for Higher Output, Current or Heat Spreading, Wide Input Voltage
Range: 1.2V to 40V Low Value Input/Output Capacitors Required: 2.2µF, Single Resistor Sets Output
Voltage 8-Lead SOT-23, 3-Lead SOT-223 and 8-Lead 3mm × 3mm DFN Packages
LT3085
500mA, Parallelable, Low Noise,
Low Dropout Linear Regulator
275mV Dropout Voltage (2-Supply Operation), Low Noise: 40µVRMS, VIN: 1.2V to 36V,
VOUT: 0V to 35.7V, Current-Based Reference with 1-Resistor VOUT Set; Directly Parallelable
(No Op Amp Required), Stable with Ceramic Capacitors, MS8E and 2mm × 3mm DFN-6 Packages
LT3092
200mA 2-Terminal Programmable
Current Source
Programmable 2-Terminal Current Source, Maximum Output Current = 200mA, Wide Input Voltage
Range: 1.2V to 40V, Resistor Ratio Sets Output Current, Initial Set Pin Current Accuracy = 1%, Current
Limit and Thermal Shutdown Protection, Reverse-Voltage Protection, Reverse-Current Protection,
8-Lead SOT-23, 3-Lead SOT-223 and 8-Lead 3mm × 3mm DFN Packages.
LT3083
Adjustable 3A Single Resistor
Low Dropout Regulator
Low Noise: 40µVRMS, 50µA Set Pin Current, Output Adjustable to 0V, Wide Input Voltage Range: 1.2V to 23V
(DD-Pak and TO-220), Low Dropout Operation: 310mV (2 Supplies)
RUN/SS
0.47µF
47µF
1µF
1µF
1000pF
VIN
6.3V TO
36V
6.8µH
VIN
BD
LT3680
15k
590k
1k
10k
3089 TA11
2N3904
MTD2955
CMDSH-4E
MBRA340T3
GND
BOOST
IN
OUT
IMON
ILIM
1k
1k
VC
SW
FB
63.4k
RT
PG
SYNC
15k
6.04k
LT3089
500k
22µF
6V
VOUT
0V TO 25V,
0.8A
TEMP
SET
0.1µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com