Electronic Components Datasheet Search
  English  ▼

X  

LT6350 Datasheet(PDF) 11 Page - Linear Technology

Part # LT6350
Description  16-Bit, 500ksps, 8-Channel SAR ADC with 96dB SNR
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6350 Datasheet(HTML) 11 Page - Linear Technology

Back Button LT6350 Datasheet HTML 7Page - Linear Technology LT6350 Datasheet HTML 8Page - Linear Technology LT6350 Datasheet HTML 9Page - Linear Technology LT6350 Datasheet HTML 10Page - Linear Technology LT6350 Datasheet HTML 11Page - Linear Technology LT6350 Datasheet HTML 12Page - Linear Technology LT6350 Datasheet HTML 13Page - Linear Technology LT6350 Datasheet HTML 14Page - Linear Technology LT6350 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 50 page
background image
LTC2372-16
11
237216f
For more information www.linear.com/LTC2372-16
Typical perForMance characTerisTics
SNR, SINAD vs Temperature,
fIN = 1kHz
PSRR vs Frequency
THD, Harmonics vs Temperature,
fIN = 1kHz
INL vs Temperature
Full-Scale Error vs Temperature
REFBUF = 4.096V
Zero-Scale Error vs Temperature
SNR, SINAD vs Input Frequency
THD, Harmonics vs Input
Frequency
CMRR vs Input Frequency
TA = 25°C, VDD = 5V, OVDD = 2.5V, REFIN = 2.048V,
Pseudo-Differential Unipolar Range, fSMPL = 500ksps, unless otherwise noted.
SNR
SINAD
FREQUENCY (kHz)
0
25
50
75 100 125 150 175 200
65.0
70.0
75.0
80.0
85.0
90.0
95.0
237216 G28
SNR
SINAD
TEMPERATURE (°C)
–40 –25 –10 5 20 35 50 65 80 95 110 125
92.0
92.5
93.0
93.5
94.0
94.5
237216 G32
THD
2ND
3RD
TEMPERATURE (°C)
–40 –25 –10 5 20 35 50 65 80 95 110 125
–130.0
–125.0
–120.0
–115.0
–110.0
–105.0
237216 G33
MAX INL
MIN INL
TEMPERATURE (°C)
–40 –25 –10 5 20 35 50 65 80 95 110 125
–1.0
–0.5
0
0.5
1.0
237216 G34
TEMPERATURE (°C)
–40 –25 –10 5 20 35 50 65 80 95 110 125
1.0
1.5
2.0
2.5
3.0
237216 G35
TEMPERATURE (°C)
–40 –25 –10 5 20 35 50 65 80 95 110 125
0
0.5
1.0
1.5
2.0
237216 G36
THD
2ND
3RD
FREQUENCY (kHz)
0
25
50
75 100 125 150 175 200
–120.0
–110.0
–100.0
–90.0
–80.0
–70.0
–60.0
237216 G29
FREQUENCY (kHz)
1
75
65
60
55
50
45
90
10
1k
237218 G31
85
80
70
100
95
FREQUENCY (kHz)
0
60
50
75
50
100
250
237218 G30
70
65
55
150
200
80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com