Electronic Components Datasheet Search
  English  ▼

X  

LT6350 Datasheet(PDF) 12 Page - Linear Technology

Part # LT6350
Description  16-Bit, 500ksps, 8-Channel SAR ADC with 96dB SNR
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6350 Datasheet(HTML) 12 Page - Linear Technology

Back Button LT6350 Datasheet HTML 8Page - Linear Technology LT6350 Datasheet HTML 9Page - Linear Technology LT6350 Datasheet HTML 10Page - Linear Technology LT6350 Datasheet HTML 11Page - Linear Technology LT6350 Datasheet HTML 12Page - Linear Technology LT6350 Datasheet HTML 13Page - Linear Technology LT6350 Datasheet HTML 14Page - Linear Technology LT6350 Datasheet HTML 15Page - Linear Technology LT6350 Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 50 page
background image
LTC2372-16
12
237216f
For more information www.linear.com/LTC2372-16
Typical perForMance characTerisTics T
A = 25°C, VDD = 5V, OVDD = 2.5V, REFIN = 2.048V,
Pseudo-Differential Bipolar Range, fSMPL = 500ksps, unless otherwise noted.
SNR, SINAD vs Input Level,
fIN = 1kHz
Differential Nonlinearity vs
Output Code
DC Histogram (Near Full-Scale)
32k Point FFT fS = 500ksps,
fIN = 1kHz
32k Point FFT fSMPL = 500ksps,
fIN = 1kHz, REFBUF = 5V
SNR, SINAD vs REFBUF, fIN = 1kHz
THD, Harmonics vs REFBUF,
fIN = 1kHz
Integral Nonlinearity vs Output
Code
DC Histogram (Zero-Scale)
OUTPUT CODE
0
16384
32768
49152
65536
–1.0
–0.8
–0.6
–0.4
–0.2
–0.0
0.2
0.4
0.6
0.8
1.0
237216 G37
OUTPUT CODE
0
16384
32768
49152
65536
–0.5
–0.4
–0.3
–0.2
–0.1
–0.0
0.1
0.2
0.3
0.4
0.5
237216 G38
σ = 0.47
CODE
–2
–1
0
1
2
0
50000
100000
150000
200000
250000
237216 G39
σ = 0.48
CODE
32743 32744 32745 32746 32747
0
50000
100000
150000
200000
250000
237216 G40
SNR
SINAD
REFBUF VOLTAGE (V)
2.5
3
3.5
4
4.5
5
90.0
91.0
92.0
93.0
94.0
95.0
237216 G43
THD
3RD
2ND
REFBUF VOLTAGE (V)
2.5
3
3.5
4
4.5
5
–130.0
–125.0
–120.0
–115.0
–110.0
–105.0
237216 G44
SNR
SINAD
INPUT LEVEL (dB)
–40
–30
–20
–10
0
90.0
91.0
92.0
93.0
94.0
95.0
237216 G45
SNR = 93.5dB
THD = –110.6dB
SINAD = 93.4dB
SFDR = 113.6dB
FREQUENCY (kHz)
0
50
100
150
200
250
–180
–160
–140
–120
–100
–80
–60
–40
–20
0
237216 G41
SNR = 94.2dB
THD = –110.4dB
SINAD = 94.1dB
SFDR = 112.1dB
FREQUENCY (kHz)
0
50
100
150
200
250
–180
–160
–140
–120
–100
–80
–60
–40
–20
0
237216 G42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com