Electronic Components Datasheet Search
  English  ▼

X  

LT6350 Datasheet(PDF) 32 Page - Linear Technology

Part # LT6350
Description  16-Bit, 500ksps, 8-Channel SAR ADC with 96dB SNR
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6350 Datasheet(HTML) 32 Page - Linear Technology

Back Button LT6350 Datasheet HTML 28Page - Linear Technology LT6350 Datasheet HTML 29Page - Linear Technology LT6350 Datasheet HTML 30Page - Linear Technology LT6350 Datasheet HTML 31Page - Linear Technology LT6350 Datasheet HTML 32Page - Linear Technology LT6350 Datasheet HTML 33Page - Linear Technology LT6350 Datasheet HTML 34Page - Linear Technology LT6350 Datasheet HTML 35Page - Linear Technology LT6350 Datasheet HTML 36Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 50 page
background image
LTC2372-16
32
237216f
For more information www.linear.com/LTC2372-16
Programming the Sequencer
Transaction Window
A transaction window opens at power-up, after resetting
the LTC2372-16, and every conversion cycle at the falling
edge of BUSY, allowing the sequencer to be programmed.
Once the transaction window opens, the state machine
controlling the programming of the sequencer memory is
in a reset state, waiting for control words to be shifted in
at SDI. The transaction window closes at the start of the
next conversion when BUSY transitions from low to high,
as shown in Figure 19. Serial input data at SDI is ignored
by the sequencer state machine when BUSY is high.
Input Control Word
The input control word is used to determine whether or
not the sequencer is being programmed. In many cases
the user will simply need to configure the converter once
for their specific application after power-up or resetting
the part, and then drive the SDI pin to GND. This will force
the control word bits to all zeros and the converter will
automatically sequence through the configurations stored
in sequencer memory. The following sections provide
further details on programming the sequencer.
The sequencer memory may be programmed by input-
ting one or more valid control words at SDI. Each control
word is an 8-bit word as described in the Configuring the
LTC2372-16section.Avalidinputcontrolwordisonewhere
C[7] = 1 and the remaining lower 7-bits, C[6:0], have been
shiftedinbeforethetransactionwindowclosesasshownin
Figure 20a. When the 1st control word is successfully en-
teredonthe8thrisingedgeofSCK,thesequencermemory
is cleared, the new configuration, C[6:0], is written into
the first memory location and is applied to the converter.
At this point, a new acquisition window begins since the
applicaTions inForMaTion
Figure 19. Sequencer Programming Transaction Window
CNV
BUSY
TRANSACTION WINDOW
237216 F19
SEQUENCER MEMORY
7-BITS WIDE
16
CONTROL
WORDS
C0[6:0]
C1[6:0]
C2[6:0]
C3[6:0]
C4[6:0]
C5[6:0]
C6[6:0]
C7[6:0]
C8[6:0]
C9[6:0]
C10[6:0]
C11[6:0]
C12[6:0]
C13[6:0]
C14[6:0]
C15[6:0]
237216 F18a
Figure 18a. Internal Sequencer Memory
Figure 18b. Sequencer Programmed with Eight Control Words and the
Memory Pointer Location for Conversions Run After Programming
237216 F18b
SEQUENCER PROGRAMMED
WITH EIGHT CONTROL WORDS
MEMORY POINTER
LOCATION
....
C0[6:0]
C1[6:0]
C2[6:0]
C3[6:0]
C4[6:0]
C5[6:0]
C6[6:0]
C7[6:0]
X
X
X
X
X
X
X
X
1ST CONVERSION
2ND CONVERSION
3RD CONVERSION
4TH CONVERSION
5TH CONVERSION
6TH CONVERSION
7TH CONVERSION
8TH CONVERSION
9TH CONVERSION
10TH CONVERSION
11TH CONVERSION
12TH CONVERSION
13TH CONVERSION
14TH CONVERSION
15TH CONVERSION
16TH CONVERSION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com