Electronic Components Datasheet Search
  English  ▼

X  

LT6350 Datasheet(PDF) 33 Page - Linear Technology

Part # LT6350
Description  16-Bit, 500ksps, 8-Channel SAR ADC with 96dB SNR
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6350 Datasheet(HTML) 33 Page - Linear Technology

Back Button LT6350 Datasheet HTML 29Page - Linear Technology LT6350 Datasheet HTML 30Page - Linear Technology LT6350 Datasheet HTML 31Page - Linear Technology LT6350 Datasheet HTML 32Page - Linear Technology LT6350 Datasheet HTML 33Page - Linear Technology LT6350 Datasheet HTML 34Page - Linear Technology LT6350 Datasheet HTML 35Page - Linear Technology LT6350 Datasheet HTML 36Page - Linear Technology LT6350 Datasheet HTML 37Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 50 page
background image
LTC2372-16
33
237216f
For more information www.linear.com/LTC2372-16
applicaTions inForMaTion
new configuration may result in a different channel being
acquired. Additional valid input control words are written
into subsequent memory locations. The sequencer only
storesvalidinputcontrolwordsanddiscardscontrolwords
that are partially written or have C[7] = 0. If C[7] = 0 at any
point during sequencer programming, the LTC2372-16
closes the input transaction window until the completion
of the next conversion as shown in Figure 20b. Figure 21
shows a truncated programming transaction where the
first partial input control word is discarded and the second
complete input control word is successfully programmed.
The transaction window also closes after 16 successive
valid input control words have been written, since the
sequencer memory has been filled.
Figure 20a. Valid Control Word Successfully Programmed, C[7] = 1
Figure 20b. Invalid Control Word Entered, C[7] = 0
CNV
BUSY
RDL
1
2
3
4
SCK
5
6
7
8
C[7]
C[6]
C[5]
C[4]
C[3]
C[2]
C[1]
C[0]
SDI
DON’T CARE
START OF NEW
TRANSACTION
WINDOW
Hi-Z
1ST VALID CONTROL WORD ENTERED
SEQUENCER MEMORY CLEARED AND UPDATED
NEW CONFIGURATION APPLIED
NEW ACQUISITION PERIOD BEGINS
SDO
237218 F20a
D15
D14
D13
D12
D11
D10
D9
D8
D7
CNV
BUSY
RDL
1
2
3
4
SCK
5
6
7
8
C[7]
SDI
DON’T CARE
DON’T CARE
START OF NEW
TRANSACTION
WINDOW
Hi-Z
TRANSACTION WINDOW CLOSED
SDO
237218 F20b
D15
D14
D13
D12
D11
D10
D9
D8
D7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com