Electronic Components Datasheet Search
  English  ▼

X  

LT6350 Datasheet(PDF) 36 Page - Linear Technology

Part # LT6350
Description  16-Bit, 500ksps, 8-Channel SAR ADC with 96dB SNR
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6350 Datasheet(HTML) 36 Page - Linear Technology

Back Button LT6350 Datasheet HTML 32Page - Linear Technology LT6350 Datasheet HTML 33Page - Linear Technology LT6350 Datasheet HTML 34Page - Linear Technology LT6350 Datasheet HTML 35Page - Linear Technology LT6350 Datasheet HTML 36Page - Linear Technology LT6350 Datasheet HTML 37Page - Linear Technology LT6350 Datasheet HTML 38Page - Linear Technology LT6350 Datasheet HTML 39Page - Linear Technology LT6350 Datasheet HTML 40Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 50 page
background image
LTC2372-16
36
237216f
For more information www.linear.com/LTC2372-16
Figure 24. MUX Reset Timing
MUX Reset Timing
The parasitic capacitances (CPAR) on the output summing
nodes of the MUX, MUXOUT+/–, are discharged to ground
every conversion cycle and when a first new valid con-
figuration word is programmed into the sequencer. This
is done to avoid crosstalk between input channels due to
charge sharing from CPAR. The bottom most waveform in
Figure24representsthevoltagesoftheMUXoutputnodes.
The MUX is being reset when V(MUXOUT+/–) sits at 0V.
The MUX turns OFF and begins resetting tCNVMRST ns
after a conversion is initiated by the rising edge of CNV.
After tMRST1 ns, the MUX turns ON to the next channel
programmed in the sequencer.
The MUX also turns OFF and resets after tVLDMRSTnswhen
afirstnewvalidconfigurationwordisprogrammedintothe
sequencer on the 8th rising edge of SCK. This is because
the MUX may need to switch channels based on the newly
input configuration, so memory of the previous channel
needs to be cleared. A new acquisition period begins when
the MUX is reconnected after tMRST2 ns.
TiMing DiagraMs
CNV
BUSY
V(MUXOUT+/–)
0V
tMRST1
tCNVMRST
1
2
3
4
SCK
5
6
7
8
SDO
237216 F24
D15 D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
9
10
11
12
13
14
15
16
D1
D0
SOS
SDI
C[7] C[6] C[5]
C[4]
C[3] C[2] C[1] C[0]
tVLDMRST
tMRST2
tACQ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com