Electronic Components Datasheet Search
  English  ▼

X  

LT1355 Datasheet(PDF) 11 Page - Linear Technology

Part # LT1355
Description  Buffered Octal, 16-Bit, 200ksps/Ch Differential 짹10.24V ADC with 30VP-P Common Mode Range
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1355 Datasheet(HTML) 11 Page - Linear Technology

Back Button LT1355 Datasheet HTML 7Page - Linear Technology LT1355 Datasheet HTML 8Page - Linear Technology LT1355 Datasheet HTML 9Page - Linear Technology LT1355 Datasheet HTML 10Page - Linear Technology LT1355 Datasheet HTML 11Page - Linear Technology LT1355 Datasheet HTML 12Page - Linear Technology LT1355 Datasheet HTML 13Page - Linear Technology LT1355 Datasheet HTML 14Page - Linear Technology LT1355 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
LTC2358-16
11
Rev A
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
SNR, SINAD vs Temperature,
fIN = 2kHz
THD, Harmonics vs Temperature,
fIN = 2kHz
INL, DNL vs Temperature
Analog Input Leakage
Current vs Temperature
Positive Full-Scale Error vs
Temperature and Channel
Zero-Scale Error vs
Temperature and Channel
SNR, SINAD vs Input Level,
fIN = 2kHz
CMRR vs Input Frequency
and Channel
Crosstalk vs Input Frequency
and Channel
±10.24V RANGE
IN+ = IN– = 18VP–P SINE
ALL CHANNELS
FREQUENCY (Hz)
10
100
1k
10k
100k
1M
60
70
80
90
100
110
120
130
140
235816 G20
TA = 25°C, VCC = +15V, VEE = –15V, VDD = 5V,
OVDD = 2.5V, Internal Reference and Buffer (VREFBUF  = 4.096V), fSMPL = 200ksps, unless otherwise noted.
CH1
±10.24V RANGE
IN0+ = 0V
IN0– = 18VP–P SINE
ALL CHANNELS CONVERTING
CH7
CH2
FREQUENCY (Hz)
10
100
1k
10k
100k
1M
–135
–130
–125
–120
–115
–110
–105
–100
–95
–90
–85
–80
235816 G21
SNR
SINAD
±10.24V RANGE
TRUE BIPOLAR DRIVE (IN– = 0V)
INPUT LEVEL (dBFS)
–40
–30
–20
–10
0
94.0
94.2
94.4
94.6
94.8
95.0
235816 G19
SNR
SINAD
±10.24V RANGE
TRUE BIPOLAR DRIVE (IN– = 0V)
TEMPERATURE (°C)
–55 –35 –15 5
25 45 65 85 105 125
92.0
92.5
93.0
93.5
94.0
94.5
95.0
95.5
96.0
235816 G22
THD
2ND
3RD
±10.24V RANGE
TRUE BIPOLAR DRIVE (IN– = 0V)
TEMPERATURE (°C)
–55 –35 –15 5
25 45 65 85 105 125
–125
–120
–115
–110
–105
–100
–95
235816 G23
MAX INL
MIN INL
MAX DNL
MIN DNL
±10.24V RANGE
TRUE BIPOLAR DRIVE (IN– = 0V)
ALL CHANNELS
TEMPERATURE (°C)
–55 –35 –15 5
25 45 65 85 105 125
–1.00
–0.75
–0.50
–0.25
0
0.25
0.50
0.75
1.00
235816 G24
±10.24V RANGE
REFBUF OVERDRIVEN
VREFBUF = 4.096V
ALL CHANNELS
TEMPERATURE (°C)
–55 –35 –15 5
25 45 65 85 105 125
–0.100
–0.075
–0.050
–0.025
0.000
0.025
0.050
0.075
0.100
235816 G26
±10.24V RANGE
ALL CHANNELS
TEMPERATURE (°C)
–55 –35 –15 5
25 45 65 85 105 125
–3
–2
–1
0
1
2
3
235816 G27
16 ANALOG INPUT PIN TRACES
FOR EACH INPUT VOLTAGE
IN = 0V
IN = +10V
IN = –10V
TEMPERATURE (°C)
–55 –35 –15 5
25 45 65 85 105 125
0.1
1
10
100
1k
10k
235816 G25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com