Electronic Components Datasheet Search
  English  ▼

X  

LTC4355 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC4355
Description  Dual Ideal Diode-OR and Single Hot Swap Controller with Current Monitor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4355 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC4355 Datasheet HTML 3Page - Linear Technology LTC4355 Datasheet HTML 4Page - Linear Technology LTC4355 Datasheet HTML 5Page - Linear Technology LTC4355 Datasheet HTML 6Page - Linear Technology LTC4355 Datasheet HTML 7Page - Linear Technology LTC4355 Datasheet HTML 8Page - Linear Technology LTC4355 Datasheet HTML 9Page - Linear Technology LTC4355 Datasheet HTML 10Page - Linear Technology LTC4355 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
LTC4236
7
4236f
For more information www.linear.com/LTC4236
Typical perForMance characTerisTics
IMON Voltage vs Sense Voltage
IMON Voltage Gain vs
Temperature
IMON Propagation Delay vs
Sense Voltage
Adjustable HGATE Start-Up Delay
with 0.1µF Capacitor at DTMR pin
Ideal Diode Start-Up Waveform
on IN Power-Up
100ms HGATE Start-Up Delay with
DTMR Pin Connected to INTVcc
Current Limit Threshold Foldback
Current Limit Delay vs Sense
Voltage
Current Sense Amplifier Input
Offset Voltage vs Temperature
TA = 25°C, VIN = 12V, unless otherwise noted.
FB VOLTAGE (V)
0
30
25
20
15
5
10
0
0.4
0.8
4236 G10
1.4
1.2
0.2
1.0
0.6
SENSE VOLTAGE (VSENSE+ – VSENSE–) (mV)
0
100
10
1
0.1
80
120
4236 G11
200
40
160
CHGATE = 10nF
10ms/DIV
IN
10V/DIV
SENSE+
10V/DIV
10V/DIV
4236 G16
CPO
DGATE
20ms/DIV
ON
5V/DIV
HGATE
10V/DIV
OUT
10V/DIV
PWRGD
10V/DIV
4236 G17
20ms/DIV
ON
5V/DIV
HGATE
10V/DIV
OUT
10V/DIV
PWRGD
10V/DIV
4236 G18
TEMPERATURE (°C)
–50
40
0
–30
20
30
10
–20
–10
–40
0
75
4236 G12
100
–25
50
25
VIN = 12V
VIN = 2.9V
0
5
3
4
1
2
0
20
4236 G13
50
10
40
30
VIN = 12V
VIN = 2.9V
SENSE VOLTAGE (VSENSE+ – VSENSE–) (mV)
TEMPERATURE (°C)
–50
101
100
100.5
99.5
99
0
75
4236 G14
100
–25
50
25
VIN = 12V
VIN = 2.9V
0
120
80
100
40
20
60
0
2
4236 G15
5
1
4
3
SENSE VOLTAGE (VSENSE+ – VSENSE–) (mV)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com